PART |
Description |
Maker |
T2322-D T2322B |
Sensitive gate Triac Silicon Bidirectional Thyristors(2.5A,200V敏感门三端双向可控硅晶闸 TRIAC 2.5A 200V Sensitive Gate Triacs
|
ON Semiconductor
|
MAC4DHM-001G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ON Semiconductor
|
MAC08MT1G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ON Semiconductor
|
TP4A60S T410-600T |
Sensitive Gate Triac
|
Apollo Electron Co., Ltd.
|
BT134-600 TR4A60S Z0405MF |
Sensitive Gate Triac
|
Apollo Electron Co., Ltd.
|
NTE56039 |
TRIAC, 4A Sensitive Gate
|
NTE[NTE Electronics]
|
BT137F-500E |
500 V, triac sensitive gate
|
Philips
|
NTE56047 NTE56045 |
TRIAC, 16A, Sensitive Gate
|
NTE[NTE Electronics]
|
MCK100-6 |
400V Vdrm 0.8A Sensitive Gate Silicon Controlled Rectifier, 1.7@1AV Peak On-State Voltage, 500V/μs Rise of Off-State Voltage Sensitive Gate Silicon Controlled Rectifiers
|
SemiWell Semiconductor
|
2N6071ATG |
Sensitive Gate Triacs 200 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-225
|
ON Semiconductor
|
T1010H-6G T1010H-6G-TR T1010H-6T T1010H-6T-TR T101 |
High-temperature 10A sensitive gate Triacs High temperature 10 A sensitive TRIACs 600 V, 10 A, TRIAC, TO-220AB
|
ST Microelectronics STMicroelectronics
|