PART |
Description |
Maker |
ACT631SMX-4 |
crystal suitable for automatic placement on printed circuit boards.
|
Advanced Crystal Technology
|
293D |
Solid Tantalum Chip Capacitors, Molded, Standard EIA Case Sizings and Ratings, TANTAMOUNT?, Commercial, Surface Mount, Automatic Pick & Place Compatible, Optical Character Recognition Qualified
|
Vishay
|
CPSM-5 CPSM CPSM-3 |
Commercial Power, Fireproof Inorganic Construction, High Wattage Capabilities, Low Board Temperatures, Suitable for Pick and Place Equipment, Meets or Exceeds EIA RS-344 Spec, High Thermal Conductivity and Humidity Resistance Wirewound Resistors, Commercial Power, Surface Mount
|
VISAY[Vishay Siliconix]
|
ICL3244 ICL3244CA ICL3232 ICL3238 ICL3224 ICL3244I |
1Microamp/ 3V to 5.5V/ 250kbps/ RS-232 Transceiver with Enhanced Automatic Powerdown 1 Microamp Supply-Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 1 Microamp/ 3V to 5.5V/ 250kbps/ RS-232 Transceivers with Enhanced Automatic Powerdown 1mA, 3V To 5.5V, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R TRIPLE LINE TRANSCEIVER, PDSO28
|
Intersil, Corp.
|
TA8025P |
PICK UP SENSOR INTERFACE IC
|
TOSHIBA[Toshiba Semiconductor]
|
TA8025F |
PICK UP SENSOR INTERFACE IC
|
TOSHIBA[Toshiba Semiconductor]
|
2SD2036 2SB1085 2SD2033 2SD1562 2SD2283 2SC4596 2S |
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE Epitaxial Planar NPN Silicon Transistor RES 49.9-OHM 1% 0.063W 100PPM THK-FILM SMD-0402 TR-7-PA2MM TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE 录音功率晶体管封装,与使用自动贴片机
|
ROHM[Rohm] KEC(Korea Electronics) Rohm CO.,LTD. http:// Rohm Co., Ltd.
|
MAX11014BGTMT MAX11015BGTM |
Automatic RF MESFET Amplifier Drain-Current Controllers Automatic RF MESFET Amplifier Drain-Current Controllers SPECIALTY CONSUMER CIRCUIT, PQCC48
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
806-22-001-30-004191 |
Spring-Loaded Pin with Removable Pick and Place Cap
|
Mill-Max Mfg. Corp.
|
806-22-001-30-003191 |
Spring-Loaded Pin with Removable Pick and Place Cap
|
Mill-Max Mfg. Corp.
|
806-22-001-30-013191 |
Spring-Loaded Pin with Removable Pick and Place Cap
|
Mill-Max Mfg. Corp.
|
AN8805SB |
Three-Beam Method Head Amplifier IC for CD (supporting the hologram pick-up)
|
Panasonic
|