Part Number Hot Search : 
SSR2010 AO3700 AO3700 NCS37000 TAJB334K 28154C 5KP85 2SC28
Product Description
Full Text Search
  capable Datasheet PDF File

For capable Found Datasheets File :: 42622    Search Time::2.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TYCO ELECTRONICS ALCOSWITCH
Part No. TPF21RGPCES0
OCR Text ...solder processes = wave solder capable to 240?c , wave solder capable to 260?c , wave solder capable to 265?c conditions for usage: l temperature rating = high packaging related features: l packaging method = loose piece other: l brand = ...
Description PUSHBUTTON SWITCH, DPDT, MOMENTARY, THROUGH HOLE-STRAIGHT

File Size 117.05K  /  1 Page

View it Online

Download Datasheet





    TYCO ELECTRONICS ALCOSWITCH
Part No. TPF21RGPC2
OCR Text ...solder processes = wave solder capable to 240?c , wave solder capable to 260?c , wave solder capable to 265?c conditions for usage: l temperature rating = high packaging related features: l packaging method = loose piece other: l brand = ...
Description PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT

File Size 115.44K  /  1 Page

View it Online

Download Datasheet

    UR8HC007-001 UR8HC007-001-FQ

Semtech, Corp.
SEMTECH[Semtech Corporation]
Part No. UR8HC007-001 UR8HC007-001-FQ
OCR Text ...n, GIO20/SW0/INT0 Switch Input. capable of Interrupt on both Positive and Negative edges GIO3 - analog input GIO30/AD0 1 I/O/Ai General purpose input/output pin, A/D input 0 GIO31/AD1 80 I/O/Ai General purpose input/output pin, A/D input 1 ...
Description Input Device and Power Management Companion IC for Jupiter Devices 输入设备和电源管理集成电路伴侣木星设

File Size 147.38K  /  18 Page

View it Online

Download Datasheet

    UR8HC007-004 UR8HC007-004-FQ

SEMTECH[Semtech Corporation]
Part No. UR8HC007-004 UR8HC007-004-FQ
OCR Text ...input/output pin, switch Input. capable of interrupt on both positive and negative edges General purpose input/output pin; negative input cancels all LED blinking, unless blink-cancel function disabled in register General purpose input/outp...
Description Zero-Power Input Device and Power Management IC
Zero-PowerTM Input Device and Power Management IC

File Size 150.48K  /  20 Page

View it Online

Download Datasheet

    UR8HC007-0A4 UR8HC007-0A4-FQ

SEMTECH[Semtech Corporation]
Part No. UR8HC007-0A4 UR8HC007-0A4-FQ
OCR Text ...input/output pin, switch Input. capable of interrupt on both positive and negative edges General purpose input/output pin; negative input cancels all LED blinking, unless blink-cancel function disabled in register General purpose input/outp...
Description Zero-Power Input Device and Power Management IC
Zero-PowerTM Input Device and Power Management IC

File Size 424.46K  /  20 Page

View it Online

Download Datasheet

    IDT
Part No. IDT79RV3081E IDT79RV3081 IDT79R3081E IDT79R3081 79R3081_DS_15214
OCR Text ...e, base system and software set capable of accepting a wide variety of CPUs, according to the price/performance goals of the end system. In addition to the embedded applications served by the R3051 family, the R3081 allows low-cost, entry l...
Description Floating-Point capable 32-bit Embedded Processor. **NOT RECOMMENDED FOR NEW DESIGNS**
From old datasheet system
RISController?

File Size 551.14K  /  41 Page

View it Online

Download Datasheet

    ILC6376 ILC6376_77 ILC6377SOADJ ILC6376ADJ ILC6376SO33 ILC6376SO50 ILC6377 ILC6377SO33 ILC6377SO50

FAIRCHILD SEMICONDUCTOR CORP
FAIRCHILD[Fairchild Semiconductor]
Part No. ILC6376 ILC6376_77 ILC6377SOADJ ILC6376ADJ ILC6376SO33 ILC6376SO50 ILC6377 ILC6377SO33 ILC6377SO50
OCR Text ...C converter in an SO-8 package; capable of delivering 500mA output current. The device is also capable of driving an external FET for higher output current applications. The ILC6376/77 uses a unique p-channel architecture with built-in c...
Description From old datasheet system
0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown

File Size 104.40K  /  12 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX2247EVKIT
OCR Text ...1 1 1 1 1 1 1 2 2 1 DESCRIPTION capable of delivering up to 500mA at +2.7V to +3.6V capable of delivering +10dBm of output power up to 2.5GHz with 802.11b-compatible source capable of handling +20dBm of output power at the operating frequen...
Description Evaluation Kit for the MAX2247
From old datasheet system

File Size 221.00K  /  4 Page

View it Online

Download Datasheet

    AM79C100 AM79C100JC

AMD[Advanced Micro Devices]
Part No. AM79C100 AM79C100JC
OCR Text ...he LOW output state, the pin is capable of sinking a maximum of 12 mA and can be used to drive an LED. In the absence of an external drive, the pin is internally pulled HIGH when inactive. AVSS Analog Ground This pin is the ground refer...
Description Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)

File Size 201.86K  /  24 Page

View it Online

Download Datasheet

For capable Found Datasheets File :: 42622    Search Time::2.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of capable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.65119695663452