PART |
Description |
Maker |
SFT1002 SFT1004 SFT1012 SFT1010 SFT1014 SFT1016 |
250 V, 100 A high speed NPN transistor 120 V, 100 A high energy NPN transistor 100 V, 100 A high energy NPN transistor 140 V, 100 A high energy NPN transistor 160 V, 100 A high energy NPN transistor
|
Solid State Devices Inc
|
SFT1004 SFT1002 |
100 AMP HIGH SPEED NPN TRANSISTOR 250 VOLTS
|
SSDI[Solid States Devices, Inc]
|
SFT1003 SFT1001 |
250 V, 100 A high speed PNP transistor
|
Solid State Devices Inc
|
PMBT5550 PMBT5550_3 PMBT5550215 |
NPN high-voltage transistor - Complement: PMBT5401 ; fT min: 100 MHz; hFE max: 250 ; hFE min: 60 ; I<sub>C</sub> max: 300 mA; Polarity: NPN ; Ptot max: 250 mW; VCEO max: 140 V; Package: SOT23 (TO-236AB); Container: Tape reel smd From old datasheet system
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BC846W BC847CW BC849W BC850W BC847BW BC848BW BC848 |
High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 SURFACE MOUNT SI-EPITAXIAL PLANARTRANSISTORS
|
Infineon Technologies AG Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
2SC3783 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) npn型三重扩散型(高速,高压开关,开关稳压器,高速DC - DC转换器应用) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING SWITCHING REGULATOR HIGH SPEED DC-DC CONVERTER APPLICATIONS) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING/ SWITCHING REGULATOR/ HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
BC847C BC847B BC846B BC847A BC848B BC846A BC848C-7 |
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
BC848BT BC850CT BC849BT BC850BT BC848CT BC849CT BC |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 NPN Silicon AF Transistors NPN AF硅晶体管
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
2N6277 2N6275 2N6274 ON0082 |
POWER TRANSISTORS NPN SILICON From old datasheet system 100, 120, 140, 150 VOLTS 250 WATTS
|
ONSEMI[ON Semiconductor]
|
SHM40UF SHM100UF |
(SHMxxUF) 50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER
|
SSDI
|
ADCMB-HSFMC-EV1Z |
Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
|
Renesas Electronics Corporation
|