PART |
Description |
Maker |
CY62147EV30LL-45BVXA |
4-Mbit (256 K x 16) Static RAM
|
Cypress Semiconductor
|
CY7C1041CV33-8ZSXC |
4-Mbit (256 K × 16) Static RAM
|
Cypress Semiconductor
|
BB4EG BB4GK BB4KLX BB4JKX BB4DF BB4NPX |
MoBL® 8-Mbit (512K x 16) Static RAM MoBL® 32-Mbit (2M x 16) Static RAM MoBL® 16-Mbit (1M x 16) Static RAM "SHIELDING BAG 16 X 18"" Inhalt pro Packung: 10 Stk. “屏蔽袋16 X 18”,“Inhalt亲Packung0沙头角。
|
ON Semiconductor
|
BBS-15 BBS-1/4 BBS-2/10 BBS-1-8/10 BBS-10 BBS-1-6/ |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit DDR-II SRAM 2-Word Burst Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 36-Mbit QDR-II SRAM 4-Word Burst Architecture Fuse 256K (32K x 8) Static RAM 64/256/512/1K/2K/4K x 18 Synchronous FIFOs Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs Neuron® Chip Network Processor 64-Kbit (8K x 8) Static RAM 72-Mbit QDR™-II SRAM 2-Word Burst Architecture 保险
|
NXP Semiconductors N.V.
|
CY7C197BN-25PC CY7C197BN-15VC |
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 15 ns, PDSO24 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 25 ns, PDIP24
|
Cypress Semiconductor, Corp.
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
CY62138EV30 CY62138EV30LL-45BVXI CY62138EV3009 |
2-Mbit (256K x 8) MoBL Static RAM 2-Mbit (256K x 8) MoBL庐 Static RAM 2-Mbit (256K x 8) MoBL? Static RAM 2-Mbit (256K x 8) MoBL㈢ Static RAM
|
Cypress Semiconductor
|
JS28F256P33BFA 320003 |
NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
|
Numonyx B.V
|
DL161 DL163 DL164 AM42DL1644DB30IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
Advanced Micro Devices
|
IS61LV25616 IS61LV2561 IS61LV25616-10T IS61LV25616 |
256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY ASYNCHRONOUS STATIC RAM 256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 256 × 16高速异步的CMOS静态RAM.3V电源
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc] Integrated Silicon Solution, Inc.
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
CY62148DV30 CY62148DV30LL-55BVI CY62148DV30L-55ZSX |
4-Mbit (512K x 8) MoBL垄莽 Static RAM 4-Mbit (512K x 8) MoBL? Static RAM
|
Cypress Semiconductor
|