PART |
Description |
Maker |
CGR153U030V3L CGR212U040R2C CGR103U020R3L CGR103U0 |
105 oC High Temp Screw Terminal Aluminum Electrolytic
|
Cornell Dubilier Electr...
|
CD136PK |
EC Screw Standard 105°C 4.000h Lifetime(Screw)
|
Jianghai Europe GmbH
|
HES301G400U3C HES301G450V3C HES302G400W5L HES312G3 |
Type HES 105 ìC High Energy Screw Terminal Aluminum Electrolytic Type HES 105 oC High Energy Screw Terminal Aluminum Electrolytic
|
Cornell Dubilier Electr... Cornell Dubilier Electronics http://
|
80C186EC 80C188EC 80L186EC 80L188EC 80C186EC20 80C |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 CAPACITOR 4700UF 16V CAPACITOR 4700UF 16V; CAPACITANCE:4700UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:ZLH; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
Intel Corp. Intel, Corp.
|
EKI |
Aluminum Electrolytic Capacitors, Radial Style, Polarized AI Electrolytic Capacitor, High C-U Product with Miniature Dimensions, Little Leakage Current, Low Energy Requirement, Low Temp Range (-55°C / 105°C)
|
Vishay
|
MGA332M2C-B075 |
ALUMINUM ELECTROLYTIC CAPACITORS MGA Series: Large Can Screw Terminal, 105 °C
|
RFE international
|
RF3375 RF337XPCBA-41X |
CAPACITOR, 100UF 16VCAPACITOR, 100UF 16V; Capacitance:100uF; Voltage rating, DC:16V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, GENERAL PURPOSE AMPLIFIER
|
RF Micro Devices, Inc.
|
PUMA67S16000M-025 PUMA2S16000I-45 PUMA67S16000I-45 |
150NS, PLCC, COM TEMP(FLASH) 15NS, 44 PLCC, COM TEMP(EPLD) 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) 20NS, 44 PLCC, COM TEMP(EPLD) 150NS, TSOP, IND TEMP(FLASH) 20NS, 44 TQFP, IND TEMP(EPLD) 120NS, SOIC, IND TEMP(EEPROM) 70NS, TSOP, IND TEMP(EEPROM) 15NS, 68 PLCC, IND TEMP(EPLD) 25NS, 68 PLCC, IND TEMP(EPLD) 30MHZ, 32 TQFP, COM TEMP(FPGA) 120NS, PDIP, IND TEMP(EEPROM) 32 MCROCELL CPLD 1.8V ISP TQFP IND GREEN(EPLD) x32 SRAM Module X32号的SRAM模块 90NS, TSOP, IND TEMP(EEPROM) X32号的SRAM模块 120NS, PLCC, IND TEMP(EEPROM)
|
DB Lectro, Inc. TE Connectivity, Ltd.
|
C2111 P2111 AM9111C/BVA AM91L11A/BVA AM91L11C/BVA |
Turbo 2 ultrafast high voltage rectifier 10MHZ, SOIC, IND TEMP, 1.8V(MCU AVR) 20MHZ, PDIP, IND TEMP, 5V(MCU AVR) 2MHz, NARROW SOIC, IND TEMP, GREEN,(MCU AVR) 10MHZ, PDIP, IND TEMP, 1.8V(MCU AVR) x4 SRAM x4的SRAM
|
Energizer Holdings, Inc.
|
ATF22V10C10 ATF22V10C-10GM_883 ATF22V10C-15GM_883 |
High-performance Electrically Erasable Programmable Logic Device 5NS, PLCC, COM TEMP, GREEN(EPLD) FLASH PLD, 5 ns, PQCC28 15NS, PDIP, IND TEMP, GREEN(EPLD) FLASH PLD, 15 ns, PDIP24
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
CD137PX |
EC Screw 85∑C Long Lifetime 10.000h Highest Voltage at Compact Size(Screw)
|
JIANGHAI[Jianghai Europe GmbH]
|
0181-A-H-ABC0-D-E 0181-A |
IEC Appliance Inlet C16A, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
|