PART |
Description |
Maker |
ST62P25C ST6225C ST6215C ST62P15CM6 ST62T25CM3 ST6 |
(ST62P15C / ST62P25C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGARD. SAFE RESET AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器SAFEGARD。安全复位和28个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
ST62P30BB6 ST6230B ST62P30BB1 |
IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. A/D CONVERTER. 16-BIT AUTO-RELOAD TIMER. EEPROM. SPI. UART AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。的A / D转换器16位自动重加载定时器EEPROM中。的SPIUART8个引
|
Cypress Semiconductor, Corp.
|
ST9291 ST9291N3 ST9291J4 ST9291J6 ST9291N4 ST9291N |
16-48K ROM HCMOS MCU With On Screen Display and Voltage Tuning Output(带有屏幕显示和电压调整输出及16-48K ROM HCMOS MCU(24MHz)) 16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT 16 48,000光盘HCMOS微控制器屏幕显示和电TUNINGOUTPUT
|
意法半导 STMicroelectronics N.V.
|
ST72321R6T1 ST72321AR6TC ST72321R6T6 ST72321R6T5 S |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE 64/44-PIN 8位微控制32点,0,000闪存/ ROM,ADC的,5个定时器,SPI和SCI的I2C接口 64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE 64/44-PIN 8位微控制2点,0,000闪存/ ROM,ADC的,5个定时器,SPI和SCI的I2C接口
|
意法半导 STMicroelectronics N.V.
|
ST72F361K9TCXS |
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI"
|
ST Microelectronics
|
ST72324BXX |
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
意法半导
|
ST72324BLS4B6 ST72324BLS4T1 ST72324BLS4B1 ST72324B |
3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
|
意法半导
|
ST7263BE2M1 ST7263BE2M1XXX ST72F63BK4M1 ST7263BE6M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I虏C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I2C
|
STMicroelectronics http://
|
ST72260G1 ST72262G1 ST72262G2 ST72264G1 ST72264G2 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES (DATA BRIEFING)
|
SGS Thomson Microelectronics
|
ST72254GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|