PART |
Description |
Maker |
IRKEL240-10S10 2199 IRKCL240-6S10 IRKDL240-6S10 IR |
600V Fast Recovery Diode in a MAGN-A-Pak package 600V的快恢复二极管在磁共 à - Pak封装 MAGN-A-pak Power Modules 磁共甲柏电源模块 IC LOGIC 3245 OCTAL FET BUS SWITCH -40 85C TSSOP-20 - OBSOLETE 快速恢复二极管 FAST RECOVERY DIODES 快速恢复二极管 IC LOGIC 3861 10-BIT FET BUS SWITCH -40 85C SOIC-24 - OBSOLETE 快速恢复二极管 From old datasheet system 2500V Fast Recovery Diode in a MAGN-A-Pak package 1000V Fast Recovery Diode in a MAGN-A-Pak package 1200V Fast Recovery Diode in a MAGN-A-Pak package 1400V Fast Recovery Diode in a MAGN-A-Pak package 2000V Fast Recovery Diode in a MAGN-A-Pak package 1600V Fast Recovery Diode in a MAGN-A-Pak package
|
International Rectifier, Corp. IR
|
MR852RL MR851RL MR850-D MR850 MR851 |
Axial Lead Fast Recovery Rectifiers(杞村?灏????揩?㈠??存?浜??绠? 3A 100V Fast Recovery Rectifier 3A 200V Fast Recovery Rectifier
|
ON Semiconductor
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
BA157G BA158G BA159G |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
RU4AJG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
TFR1N TFR1T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (fast recovery)
|
TOSHIBA
|
RGPP1A RGPP1B RGPP1D RGPP1G RGPP1J RGPP1K RGPP1M |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
RGPP15A RGPP15B RGPP15D RGPP15G RGPP15J RGPP15K RG |
Fast Recovery Pack: DO-15 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
FFPF10U20DP FFPF10U20 FFPF10U20DPTU |
FAST RECOVERY POWER RECTIFIER 10A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
1N5393 1N5399 1N5391 1N5392 1N5394 1N5395 1N5396 1 |
1.5A, 1000V ultra fast recovery rectifier 1.5 Amp Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5A, 200V ultra fast recovery rectifier 1.5A, 100V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|