PART |
Description |
Maker |
STEVAL-ISA047V2 |
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
|
STMicroelectronics
|
STEVAL-ISA042V2 |
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
|
STMicroelectronics
|
STEVAL-ILL020V1 |
LCD panels backlight demonstration board based on the LED7706
|
STMicroelectronics
|
STEVAL-TDR014V1 |
Demonstration board based on the PD55008-E for UHF mobile radio
|
STMicroelectronics
|
STEVAL-ILL029V1 |
Front panel demonstration board based on the STLED325 and STM8S
|
STMicroelectronics
|
STEVAL-ILL038V1 |
LED resonant driver demonstration board based on the L6585DE
|
STMicroelectronics
|
STEVAL-ISA020V1 |
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
|
STMicroelectronics
|
STEVAL-MKI014V1 |
MEMS 3-axis ±2g/±6g analog-output demonstration board based on the LIS344ALH
|
STMicroelectronics
|
STEVAL-IFS017V1 |
Multiple-device temperature sensor and RTC demonstration board based on the STM32
|
ST Microelectronics
|