Part Number Hot Search : 
AD7896BN LT4275 SA532 B9034 1106FC 2SD1906 DJ33A SG6520DZ
Product Description
Full Text Search
  pulser Datasheet PDF File

For pulser Found Datasheets File :: 101    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

    Supertex
Part No. HV7360
OCR Text pulser ? 0 to 100v output voltage ? 2.5a source and sink minimum pulse current ? up to 35mhz operating frequency ? 2.0ns matched delay times ? 2.5, 3.3 or 5.0v cmos logic interface ? low power consumption and very simple to use ...
Description Two or Three Level Ultrasound pulser

File Size 731.10K  /  8 Page

View it Online

Download Datasheet





    Supertex
Part No. HV732DB1
OCR Text pulser. this integrated high performance circuit is in a single 7x7x0.9mm 44-lead, multi-die, qfn package. the hv732 can deliver up to 2a source and sink current to a capacitive transducer. it is designed to be used as a high voltage ...
Description Integrated Ultrasound pulser Demo Board

File Size 817.46K  /  8 Page

View it Online

Download Datasheet

    Maxim Integrated Products, Inc.
Part No. MAX4810CTN
OCR Text ...nputs, independent high-voltage pulser outputs with active clamps and independent high-voltage supply inputs. the max4810/max4811/max4812 feature a 9 output impedance for the high-voltage outputs, and a 27 impedance for the active clamp. ...
Description Dual, Unipolar/Bipolar, High-Voltage Digital pulsers; Package: THIN QFN, 56 pin ; Temperature Range: 0&#176;C to 70&#176;C SPECIALTY CONSUMER CIRCUIT, QCC56

File Size 175.16K  /  20 Page

View it Online

Download Datasheet

    MAX14808 MAX14809

Maxim Integrated Products
Part No. MAX14808 MAX14809
OCR Text pulser devices generate high- frequency hv bipolar pulses (up to q 105v) from low- voltage control logic inputs for driving piezoelectric transducers in ultrasound systems. all eight channels have embedded overvoltage-protection diodes...
Description Octal Three-Level/Quad Five-Level High-Voltage 2A Digital pulsers with T/R Switch

File Size 1,236.40K  /  31 Page

View it Online

Download Datasheet

    Supertex, Inc.
Part No. HV739K6-G
OCR Text ...lithic 200v 3.0a high-speed pulser. it is designed for ndt and medical ultrasound applications. this high voltage and high-current integrated circuit can also be used for other piezoelectric, capacitive or mems s...
Description SPECIALTY INTERFACE CIRCUIT, QCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220VHHD-5, QFN-32

File Size 660.83K  /  8 Page

View it Online

Download Datasheet

    Directed Energy
Part No. PVM-4210
OCR Text ...om <40 nanose conds to dc. the pulser operates on +24vdc to +28vdc support power, and features integrated dc high voltage power supplies. the pvm - 4210 is optimized for differential drive of deflection plates for electrostatic modu...
Description DUAL OUTPUT HIGH VOLTAGE PULSE GENERATOR MODULE

File Size 149.63K  /  2 Page

View it Online

Download Datasheet

    Directed Energy
Part No. PVM-4150
OCR Text ...input d c power supplies. the pulser is a half - bridge (totem pole) design, offering equally fast pulse rise and fall times, low power dissip a- tion, and virtually no over - shoot, under - shoot or ringing. the pvm - 4150 has over - ...
Description 500V PULSE GENERATOR MODULE

File Size 102.61K  /  2 Page

View it Online

Download Datasheet

    Directed Energy
Part No. PVM-4140
OCR Text ...aveforms in real-time. the pulser is a half-bridge (totem pole) design, offering equally fast pulse rise and fall times, low power dissipa- tion, and virtually no over-shoot, under-shoot or ringing. the pvm-4140 has over-current det...
Description ?000V PULSE GENERATOR MODULE

File Size 62.07K  /  2 Page

View it Online

Download Datasheet

    HV7360

Supertex, Inc
Part No. HV7360
OCR Text pulser ? 0 to 100v output voltage ? 2.5a source and sink minimum pulse current ? up to 35mhz operating frequency ? 2.0ns matched delay times ? 2.5, 3.3 or 5.0v cmos logic interface ? low power consumption and very simple to use ...
Description High Speed, 100V 2.5A, Two or Three Level Ultrasound pulser

File Size 709.63K  /  8 Page

View it Online

Download Datasheet

    Directed Energy
Part No. DTS-1600A
OCR Text ...nd pulse generator, five 1600v pulser modules, oven control circuitry, front panel interface, and high voltage and support power supplies. the internal microcontroller is responsible for decoding the software commands from the control ...
Description Dielectric Test System

File Size 80.90K  /  4 Page

View it Online

Download Datasheet

For pulser Found Datasheets File :: 101    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pulser

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.4947650432587