PART |
Description |
Maker |
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
S7686 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 10.8; Package: DPAK (L)- (2)
|
Hamamatsu Photonics
|
STL40C30H3LL |
N-channel 30 V, 0.019 Ohm typ., 10 A, P-channel 30 V, 0.024 Ohm typ., 8 A STripFET(TM) V Power MOSFET in a PowerFLAT(TM) 5x6 d. i. package
|
ST Microelectronics
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
R9110 |
MOSFET, Switching; VDSS (V): 150; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.097; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
STU6N60M2 STF6N60M2 STP6N60M2 |
N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in IPAK package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220FP package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package
|
ST Microelectronics
|
STD1HN60K3 STU1HN60K3 |
N-channel 600 V, 6.4 Ohm typ., 1.2 A, SuperMESH3(TM) Power MOSFET in DPAK package N-channel 600 V, 6.4 Ohm typ., 1.2 A, SuperMESH3(TM) Power MOSFET in IPAK package
|
ST Microelectronics
|
STF20N65M5 STFI20N65M5 |
N-channel 650 V, 0.160 Ohm typ., 18 A MDmesh(TM) V Power MOSFET in TO-220FP package N-channel 650 V, 0.160 Ohm typ., 18 A MDmesh(TM) V Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
STW12N120K5 STH12N120K5-2 |
N-channel 1200 V, 0.58 Ohm typ., 12 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-247 package N-channel 1200 V, 0.58 Ohm typ., 12 A Zener-protected SuperMESH(TM) 5 Power MOSFET in H2PAK-2 package
|
ST Microelectronics
|
STW57N65M5 STI57N65M5 STP57N65M5 STB57N65M5 |
N-channel 650 V, 0.056 Ohm typ., 42 A MDmesh(TM) V Power MOSFET in D2PAK package N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET N-channel 650 V, 0.056 Ω typ., 42 A MDmesh V Power MOSFET in I2PAK, TO-220, TO-220FP and D2PAK packages
|
ST Microelectronics STMicroelectronics
|
STP80N20M5 STB80N20M5 |
N-channel 200 V, 0.019 Ohm typ., 61 A MDmesh(TM) V Power MOSFET in D2PAK Package 65 A, 200 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 200 V, 0.019 ohm, 61 A, TO-220, D2PAK
|
ST Microelectronics STMICROELECTRONICS
|
|