Part Number Hot Search : 
BPC25 1H470 TCMT4606 S6931 2SK1188 SCX15DN VSKC320 40CPQ040
Product Description
Full Text Search
  0.95 Datasheet PDF File

For 0.95 Found Datasheets File :: 11900    Search Time::2.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    4MC10-095-20-1 4MC10-095-15-1 4MC10-095-10-1 4MC10-095-08-1 4MC10-095-15/1

RMT Ltd.
Part No. 4MC10-095-20-1 4MC10-095-15-1 4MC10-095-10-1 4MC10-095-08-1 4MC10-095-15/1
OCR Text ...nce parameters dimensions 4mc10-095-xx/1 performance data are given for 300k, vacuum type t max k q max w i max a u max v ac r ohm h mm 4mc10-095-xx/1 (n=95) 4mc10-095-xx/1 (n=95) 4mc10-095-xx/1 (n=...
Description Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper

File Size 2,371.18K  /  7 Page

View it Online

Download Datasheet





    4MC10-095-15 4MC10-095-08 4MC10-095-20

RMT Ltd.
Part No. 4MC10-095-15 4MC10-095-08 4MC10-095-20
OCR Text ...nce parameters dimensions 4mc10-095-xx performance data are given for 300k, vacuum type t max k q max w i max a u max v ac r ohm h mm 4mc10-095-xx (n=95) 4mc10-095-xx (n=95) 4mc10-095-xx (n=95) 4mc1...
Description Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper

File Size 2,397.66K  /  7 Page

View it Online

Download Datasheet

    4MC10-095-10 4MC10-095-15 4MC10-095-20

RMT Ltd.
Part No. 4MC10-095-10 4MC10-095-15 4MC10-095-20
OCR Text 095-XX 4MC10-095-xx 4MC10-095-10 4MC10-095-15 4MC10-095-20 119 121 122 1.6 1.1 0.9 2.8 1.9 1.5 6.5 2.05 3.00 3.95 9.4 11.4 13.4 1.0 1.5 2.0 Performance data are given at 300K, vacuum Technical Drawing Options available A. TEC A...
Description Thermoelectric Module

File Size 261.57K  /  3 Page

View it Online

Download Datasheet

    750-095-16

Glenair, Inc.
Part No. 750-095-16
OCR Text 095 Type H Series 75 Flexible Metal-Core Conduit 750-095-16 Product Series Basic Part No. Dash No. (Table I) TYPE H STAINLESS STEEL CONDUIT STAINLESS STEEL BRAID NEOPRENE JACKET * NEOPRENE JACKET * STAINLESS STEEL BRAID STAINLESS ...
Description Flexible Metal-Core Conduit

File Size 25.04K  /  1 Page

View it Online

Download Datasheet

    ELD-540-095

EPIGAP optoelectronic GmbH
Part No. ELD-540-095
OCR Text ...ckage without covering eld-540-095 case to-39 technology alingan/al 2 o 3 test onditions (t p 50 s, t p /t = 1/2) customer-specific led-component power dissipation operating temperature range storage temperature range parameter ...
Description LED - Lamp

File Size 89.58K  /  1 Page

View it Online

Download Datasheet

    ELD-810-095-3

EPIGAP optoelectronic GmbH
Part No. ELD-810-095-3
OCR Text 095-3 rev. 03 Case TO-46 Description High-power, high-speed infrared LED in hermetically sealed TO-46 package, mounted on reflector header for beam forming O 0,45 0.04 O 5,40 0,1 0,60 0,15 O 4,0 0,1 Anode O 4,65 0,08 2,54...
Description LED - Lamp

File Size 90.63K  /  1 Page

View it Online

Download Datasheet

    ELD-810-095-4

EPIGAP optoelectronic GmbH
Part No. ELD-810-095-4
OCR Text 095-4 rev. 05 Case TO-46 Description High-power, high-speed infrared LED in hermetically sealed TO-46 package, mounted on reflector header for beam forming Note: Special packages with standoff available on request O 0,45 0.04 O ...
Description LED - Lamp

File Size 90.50K  /  1 Page

View it Online

Download Datasheet

    AMPHENOL CORP
Part No. 095-680-68000
OCR Text mmcx micromate
Description INTERCONNECTION DEVICE

File Size 16.95K  /  1 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
Part No. ADP1716-095 ADP1715-095 ADP1715-ADJ
OCR Text ...tbd -40 c to +125 c adp1715-095 0.95v yes no 8-lead msop rn tbd tbd -40 c to +125 c adp1715-100 1.00v yes no 8-lead msop rn tbd tbd -40 c to +125 c adp1715-105 1.05v yes no 8-lead msop rn tbd tbd -40 c to ...
Description 0.95 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO8 PLASTIC, MO-187AA, MSOP-8
0.8 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO8 PLASTIC, MO-187AA, MSOP-8

File Size 295.59K  /  9 Page

View it Online

Download Datasheet

For 0.95 Found Datasheets File :: 11900    Search Time::2.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.95

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.72576403617859