PART |
Description |
Maker |
HD404342RFP HD404344RFP HD404C342RFP HD404C344RFP |
ROM: 2.048 words; RAM: 256; ; 4-bit microcomputer ROM: 4.096 words; RAM: 256; ; 4-bit microcomputer ROM: 1.024 words; RAM: 256; ; 4-bit microcomputer
|
Hitachi Semiconductor
|
SST30VR021 SST30VR021-500-C-U1 SST30VR021-500-C-WH |
2 Mbit ROM SRAM T1/E1 Transformer 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo SPECIALTY MEMORY CIRCUIT, PDSO32 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo SPECIALTY MEMORY CIRCUIT, UUC 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo 2兆光兆位/ 2Mbit 256千位的SRAM ROM / RAM内存组合
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
IS42S32800B-6BL IS42S32800B-6BI |
2M Words x 32 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM
|
http://
|
MSM53V1655F |
524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM
|
OKI electronic componets
|
ST9027 |
(ST9028) 16K ROM / 256 RAM HCMOS MCUs
|
ST Microelectronics
|
W541C480 W541E |
4BIT MICROCONTROLLER, 4K ×16 ROM, 256 ×4 RAM 128 -DOT LCD 4BIT MICROCONTROLLER, 4K 】16 ROM, 256 】4 RAM 128 -DOT LCD
|
Winbond
|
ST72T101G1B3 ST72T101G1B6 ST72T101G1M3 ST72T101G1M |
From old datasheet system 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM,256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
STMICROELECTRONICS[STMicroelectronics]
|
Z8913520VSC Z8913620VSC |
Low-cost DTAD controller. 24 Kbytes ROM, 256 bytes RAM, 47 lines I/O, 20 MHz
|
Zilog
|
CAT1023ZI-45T3 CAT1023ZD4I-45-GT2 CAT1023ZD4I-30-G |
Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS
|
Catalyst Semiconductor EEPROM ON Semiconductor NXP Semiconductors N.V.
|
ST72T101G1B3 ST72T101G1M3 ST72T101G2M3 ST72T101G2B |
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
ST Microelectronics
|
ST7210101 ST72213G1B3 ST72213G1B6 ST72213G1M1 ST72 |
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
STMicroelectronics
|
C8051F302 C8051F301 C8051F300 C8051F303 |
25 MIPS,8k Flash,256 Ram,8bit ADC,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,11 MCU) 25 MIPS的,8K闪存56公羊位ADC1引脚微控制器5 MIPS的,8K的闪速存储器56公羊位ADC1脚微控制器) 25 MIPS,8k Flash,256 Ram,2% Osc,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,2% Osc,11 MCU) 25 MIPS的,8K闪存56 RAM个%振荡1引脚微控制器5 MIPS的,8K的闪速存储器56,羊%的振荡1脚微控制器) 25 MIPS,8k Flash,256 Ram,8bit ADC,2% Osc,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,2% Osc,11 MCU) 25 MIPS的,8K闪存56公羊位ADC%的振荡1引脚微控制器5 MIPS的,8K的闪速存储器56公羊位ADC%的振荡1脚微控制器) 25 MIPS,8k Flash,256 Ram,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,11 MCU) 25 MIPS的,8K闪存56,羊1引脚微控制器5 MIPS的,8K的闪速存储器56,羊1脚微控制器)
|
Connex See Service, Inc.
|
|