PART |
Description |
Maker |
DIP12-2A72-21D 3212200121 |
DIP Reed Relay DRY REED RELAY, DPST, MOMENTARY, 0.024A (COIL), 12VDC (COIL), 288mW (COIL), 0.5A (CONTACT), 200VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
MEDER ELECTRONIC AG
|
ARE13A03Z |
2.6GHz Relay, 1 Form C, 0.5A 30VDC Relay, 75ohms, SMD RF RELAY, SPDT, MOMENTARY, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 0.01A (CONTACT), 24VDC (CONTACT), 2600MHz, SURFACE MOUNT-STRAIGHT
|
Panasonic, Corp.
|
R0581B01 |
REED RELAY / DRY REED BISTABLE CONTACT
|
celduc-relais
|
X3101 X3100 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:12V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes Reed Relay; Contacts:SPST; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:DIP-14; Relay Mounting:PC Board; Contact Carrying Power:10W
|
Xicor Inc.
|
NL6EBX-DC110V NL6EBX-DC110V-1 NL6EBX-L2-DC110V NL6 |
NL-relay. 6PDT, 2 Amp, dil. relay. 6 form C. Coil voltage 110 V DC. Amber sealed type. Single side stable. Contact material: gold-clad silver. NL-relay. 6PDT, 2 Amp, dil. relay. 6 form C. Coil voltage 110 V DC. Amber sealed type. Single side stable. Contact material: gold-cap over silver palladium. NL-relay. 6PDT, 2 Amp, dil. relay. 6 form C. Coil voltage 110 V DC. Amber sealed type. 2 coil latching. Contact material: gold-clad silver. NL-relay. 6PDT, 2 Amp, dil. relay. 6 form C. Coil voltage 110 V DC. Amber sealed type. 2 coil latching. Contact material: gold-cap over silver palladium.
|
Matsushita Electric Works(Nais)
|
TX2-12V TX2SL-4.5V-Z-1 TX2SS-L2-1.5V-Z-1 TX2SL-L-3 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Capacity High Breakdown Voltage, 2 Form C, 2A 30VDC, PC Board Terminal Type, Gold Contact POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.134A (COIL), 1.5VDC (COIL), 200mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic
|
F81A2500 |
REED RELAY / MERCURY CONTACT
|
celduc-relais
|
R0117S06 |
REED RELAY / DRY CONTACT
|
celduc-relais
|
R0293B08 |
REED RELAY / DRY CONTACT
|
celduc-relais
|
|