Part Number Hot Search : 
XZMR65WA DPD24L12 23226261 15501 2N6546 132AP TAN250A 03EDK1
Product Description
Full Text Search
  nominal Datasheet PDF File

For nominal Found Datasheets File :: 68486    Search Time::3.688ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N5338B 1N5352B 1N5366B 1N5374B 1N5372B 1N5375B 1N5333B 1N5378B 1N5344B

Microsemi, Corp.
Motorola Mobility Holdings, Inc.
Motorola Inc
Motorola, Inc.
MOTOROLA[Motorola Inc]
ON Semi
MOTOROLA[Motorola, Inc]
Diotec Elektronische
Part No. 1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N5338B 1N5352B 1N5366B 1N5374B 1N5372B 1N5375B 1N5333B 1N5378B 1N5344B 1N5355B 1N5353B 1N5342B 1N5388B 1N5359B 1N5345B 1N5381B 1N5363B 1N5383B 1N5336B ON0008 1N5341B 1N5361B 1N5334B 1N5335B 1N5337B 1N5340B 1N5343B 1N5346B 1N5348 1N5348B 1N5350B 1N5351B 1N5357B 1N5358B 1N5360B 1N5362B 1N5365B 1N5367B 1N5368B 1N5369B 1N5370B 1N5373B 1N5376B 1N5377B 1N5379B 1N5380B 1N5382B 1N5384B 1N5385B 1N5386 1N5386B 1N5387B 1N5333BTHRU1N5388B 1N5354B
OCR Text ... Max @ IF = 1 A for all types) nominal Zener Voltage VZ @ IZT Volts (Note 2) Max Zener Impedance Test Current IZT mA ZZT @IZT Ohms (Note 2) ZZK @ IZK = 1 mA Ohms (Note 2) Max Reverse Leakage Current Max Surge Current ir, Amps (Note 3) Maxi...
Description    5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 47 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 12 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.300 VOLTS 5瓦稳压稳压二极管3.30
MOSFET P-CH 250V 200MA SOT-89
500 mW DO-35 Glass Zener Voltage Regulator Diodes
From old datasheet system
Silicon-Power-Z-Diodes (non-planar technology)

File Size 87.83K  /  6 Page

View it Online

Download Datasheet





    INTERSIL CORP
Part No. HIP1015ACB
OCR Text ...hold level ~17% lower than the nominal +12v and +5v. the hip1015 family has an integrated charge pump allowing control of up to +12v using an external n-channel mosfet. the hip1016 can also be used to control much higher positive or ne...
Description 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8

File Size 235.80K  /  10 Page

View it Online

Download Datasheet

    AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
OCR Text ...annel matching tolerance with a nominal temperature coefficient of 500 ppm/C. A unique switching circuit minimizes the high glitch inherent in traditional switched resistor designs and avoids any make-before-break or breakbefore-make operat...
Description Dual, 256 Position, Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
CONNECTOR ASSEMBLIES RoHS Compliant: Yes
2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器

File Size 651.48K  /  16 Page

View it Online

Download Datasheet

    AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
OCR Text ...annel matching tolerance with a nominal temperature coefficient of 700 ppm/C. Each VR has its own VR latch which holds its programmed resistance value. These VR latches are updated from an internal serial-to-parallel shift register that is ...
Description 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%
RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK
2-Channel/ 256-Position Digital Potentiometer
4-Channel 64-Position Digital Potentiometer

File Size 259.09K  /  12 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...e of 10 k, 50 k, or 100 k has a nominal temperature coefficient of 800 ppm/C. The chip select CS, count CLK and U/D direction control inputs set the variable resistor position. These inputs that control the internal UP/DOWN counter can be e...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...10 k, 50 k, 100 k, or 1 M has a nominal temperature coefficient of -35 ppm/C. The chip select CS, count CLK and U/D direction control inputs set the variable resistor position. The MODE determines whether both VRs are incremented together o...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    POSITRONIC INDUSTRIES INC
Part No. GF1M1FADS4L
OCR Text nominal te r m i nations : crimp, wire solder, straight solder, right angle solder and straight press-fit configurations : multiple variants in both standard and high densities qualifications : mil-dtl-24308, goddard space flight 311p...
Description 2 CONTACT(S), FEMALE AND MALE, POWER CONNECTOR, SOLDER

File Size 1,401.98K  /  5 Page

View it Online

Download Datasheet

    FREESCALE SEMICONDUCTOR INC
Part No. MPXV5010GC6U/T1
OCR Text ...ive to 25 c. ? variation from nominal: the variation from nominal values, for offset or full scale span, as a percent of v fss , at 25 c. 7. response time is defined as the time for the incremental change in the output to go from 10% to ...
Description GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.45Psi, 5%, 0.20-4.70V, SQUARE, SURFACE MOUNT

File Size 212.53K  /  12 Page

View it Online

Download Datasheet

    AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201

AD[Analog Devices]
Part No. AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201 AD5203 AD5204 AD5206 AD5207 AD5220 AD5222 AD5231 AD5233 AD5235 AD5241 AD5242 AD5260 AD5262 AD7376 AD8400 AD8402
OCR Text ...oved UP or DOWN one step of the nominal terminal resistance between terminals A and B. This linearly changes the wiper to B terminal resistance (RWB) by one position segment of the devices' end-to-end resistance (RAB). For exponential/logar...
Description 8-Bit Dual Nonvolatile Memory Digital Potentiometer

File Size 252.48K  /  20 Page

View it Online

Download Datasheet

For nominal Found Datasheets File :: 68486    Search Time::3.688ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of nominal

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.5851628780365