PART |
Description |
Maker |
G8195 G8195-11 G8195-12 G8195-21 G8195-22 G8195-31 |
Spectral response range:0.9-1.7um; reverse voltage:20V; InGaAs PIN photodiode: receptacle type 1.3/1.55um, 2GHz. For optical fiber communications, fiber channel, gigabit enthernet, SDH, WDM
|
HAMAMATSU[Hamamatsu Corporation]
|
ASMB-782G4-00A1E |
LGA 1155 Intel? Xeon? E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link),2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
|
Advantech Co., Ltd.
|
PAS6301 |
Gigabit Ethernet Optical Network Unit SOC
|
PMC
|
BCM5466SR |
Quad-Port 10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
|
BOARDCOM[Broadcom Corporation.]
|
U336000GBW |
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
|
Tripp Lite. All Rights ...
|
BCM5461S |
10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER 10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface
|
Electronic Theatre Controls, Inc. ETC Broadcom Corporation.
|
I211-AT |
Low-power, small-footprint, single-port gigabit network connectivity with advanced performance features.
|
Intel Corporation
|
GUS-QS20RLF-330-K-470-M GUS-SL20RLF-330-K-470-M GU |
TaNCap Tapped Filter Network RC NETWORK, TAPPED FILTER NETWORK, 68ohm, 0.000068uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000015uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000015uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 39ohm, 0.000056uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 22ohm, 0.000056uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 56ohm, 0.00012uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 27ohm, 0.000034uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 56ohm, 0.000039uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000034uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 100ohm, 0.0002uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 22ohm, 0.000039uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 82ohm, 0.00001uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 33ohm, 0.000047uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 10ohm, 0.00001uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.00012uF, SURFACE MOUNT, QSOP-20
|
IRC - a TT electronics Company. INTERNATIONAL RESISTIVE CO INC
|
AFBR-79EQDZ |
40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
|
AVAGO TECHNOLOGIES LIMITED
|
TRB2G1CB1C00000 TRB2G1CB2C00000 TRB2G1CB1I00000 TR |
Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
|
OPLINK Communications Inc.
|
PEX8648-AARDK PEX8648-AA50BCG |
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch 的PCIe Gen25.0GT / s8通道2端口PCIe交换
|
PLX Technology, Inc.
|
|