PART |
Description |
Maker |
UPD168111AMA-6A5 |
Serial-controlled micro-step driver
|
NEC
|
MAX2065 |
50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
|
Maxim Integrated Products
|
ISL95810 ISL95810UIRT8Z ISL95810UIU8 ISL95810UIU8- |
Single Digitally Controlled Potentiometer (XDCP) 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8 Single Digitally Controlled Potentiometer (XDCP) 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL90726 ISL90726UIE6Z ISL90726UIE6Z-TK ISL90726WI |
Digitally Controlled Potentiometer (XDCP) 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6 250V, 170mA, 20. 1-Form-A relay with an optocoupler 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6 350V, 120mA, 35. 1-Form-A relay with an optocoupler 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6
|
Intersil, Corp. Intersil Corporation
|
ISL90727 ISL90727UIE6Z ISL90727UIE6Z-TK ISL90727WI |
Digitally Controlled Potentiometer (XDCP) 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6
|
Intersil, Corp. Intersil Corporation
|
X9408YV24 X9408YV24I X9408YV24IZ X9408YV24Z X9408Y |
Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP? Potentiometers Quad Digitally Controlled Potentiometers
|
Intersil, Corp. Intersil Corporation
|
ISL22346UFRT20Z ISL22346WFRT20Z ISL22346UFV20Z |
Quad Digitally Controlled Potentiometers QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO20
|
Intersil Corporation Intersil, Corp.
|
ISL22326UFV14Z |
Dual Digitally Controlled Potentiometers DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO14
|
Intersil, Corp.
|
X9417YP24I-2.7 X9417YP24-2.7 X9417 |
Dual Digitally Controlled Potentiometers (XDCP DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP24 PLASTIC, DIP-24
|
Xicor Intersil, Corp.
|
X9428YSI-2.7 X9428YP-2.7 X9428WP16I-2.7 |
Shielded Multiconductor Cable; Number of Conductors:37; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes CAT5E PATCH CORD 25 FOOT BEIGE 2K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP16 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 16-PDIP 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP16
|
数字电位 Intersil, Corp.
|
X9251US24Z-2.7T1 X9251US24IT1 X9251TS24I-2.7T1 |
Quad Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Quad Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R QUAD 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Quad Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Intersil, Corp.
|