PART |
Description |
Maker |
RAD-CONF-RF7 |
Easy, unique, and safe network addressing
|
PHOENIX CONTACT
|
CMX868 |
V.22bis Call Setup with the CMX868
|
CONSUMER MICROCIRCUITS LIMITED
|
AN1778 |
STR7 ARM MULTI-ICE SETUP
|
STMicroelectronics
|
MAX644310 MAX6450UT MAX6451UT MAX6452UT MAX6443US2 |
uP Reset Circuits with Long Manual Reset Setup Period µP Reset Circuits with Long Manual Reset Setup Period 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
http:// Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MCP2510T-E/SO MCP2510-I/ST MCP2510T-I/SO MCP2510T- |
The MCP2510 18-pin stand-alone CAN (Control Area Network) controller features an industry standard SPI serial interface, enabling ... The MCP2510 18-pin stand-alone CAN (Control Area Network) controller features an industry standard SPI serial interface, enabling an easy connection to virtually any microcontroller. The MCP2510 provides immediate CAN support across the en
|
Microchip
|
ISL8225MEVAL4Z H2512-OPEN ISL8225MIRZ H2511-00R00- |
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
|
Intersil Corporation
|
VRD220K800MUF VRD270K100MTF VRD680K800MTF |
RC NETWORK, TAPPED FILTER NETWORK, 1W, 22ohm, 0.00008uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 27ohm, 0.00001uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 68ohm, 0.00008uF, SURFACE MOUNT, SOT-3
|
VISHAY THIN FILM
|
CRCC1206100F100KEA CRCC1206100F100KTF CRCC1206100F |
RC NETWORK, ISOLATED, 0.125W, 110000ohm, 50V, 0.000068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 110000ohm, 50V, 0.00068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 22ohm, 50V, 0.000022uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00015uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.0001uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.000015uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00027uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00022uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 510000ohm, 50V, 0.000068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 910000ohm, 50V, 0.00068uF, SURFACE MOUNT, CHIP-2 Thick Film, Rectangular, Resistor/Capacitor Chip
|
Vishay Siliconix VISHAY DALE
|
75P42100 IDT75P42100 |
32K x72 Network Search Engine Network Search Engines (NSE) with High Performance Interface NETWORK SEARCH ENGINE 32K x 72 Entries
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
PAC560GTL PAC121GTL PAC-GTL |
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS RESISTOR, NETWORK, FILM, BUSSED, 1 W, SURFACE MOUNT QSOP
|
CALMIRCO[California Micro Devices Corp] Coilcraft, Inc.
|
LTC2480 LTC2480CDD LTC2480IDD |
16-Bit ADC with Easy Drive 16-Bit Delta Sigma ADC with Easy Drive Input Current Cancellation
|
LINER[Linear Technology]
|
|