PART |
Description |
Maker |
L2C5-30HG1202E0600 L2C5-30HG1202E0900 L2C5-30HG120 |
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
|
Lumileds Lighting Compa...
|
IXTH6N80 IXTM6N80 6N80 IXTM6N80A IXTH6N80A |
N-Channel Enhancement Mode 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Number of I/O Pins:24; ADC Channels:5; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 1; Number of PWM Channels:1; Clock Speed:200MHz; Interfaces:AC97, I2S, SPI, UART, USB
|
IXYS[IXYS Corporation] ETC[ETC]
|
52610-1890 |
PC Board Connector; Number of Contacts:18; Pitch Spacing:1mm; Number of Rows:1; Mounting Type:PCB SMT; Body Material:PA Polyamide (Nylon) 4/6; Gender:Female
|
Molex
|
1585278 |
Contact insert, number of positions: 4 PE, size: D7, number of connections per position: 1, Pin, Push-in connection, 230/400 V, 10 A, 0.14 mm2 ... 1.5 mm2
|
PHOENIX CONTACT
|
NA30E930000L NA30E930100L |
PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER
|
List of Unclassifed Man...
|
AWT6301M9P8 AWT6301 |
CELLULAR DUAL MODE AMPLS/CDMA 3.4V/28 dBm LINEAR POWER AMPLIFIER MODULE 胞双模AMPLS / CDMA.4V/28 dBm线性功率放大器模块 The AWT6301 meets the increasing demands for higher efficiency and linearity in AMPS/CDMA 1X handsets, while reducing pcb area by ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
90120-0160 |
Header; Number of Contacts:40; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex
|
BYW2750 BYW27-100 BYW27-1000 BYW27-200 BYW27-400 B |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-33K 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AL Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Silicon Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
03-09-1042 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:1490R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:1; Operating Temp. Min:-40 C; Operating Voltage:250V; Pitch Spacing:2.36mm
|
MOLEX INC
|
120-964-435 |
DIN 41612 PCB Connector; Number of Contacts:64; Number of Rows:3; Pitch Spacing:0.1"; Mounting Type:PC Board Thru Hole; Body Style:Straight; Gender:Female 64 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC
|
ITW Pancon
|