PART |
Description |
Maker |
SS8550CBU |
SS8550 2W Output Amplifier of Portable Radios in Class B Push-pull Operation
|
Fairchild Semiconductor
|
PXT8550 |
Complimentary to PXT8050
|
MAKO SEMICONDUCTOR CO.,...
|
MAG90X95 |
From old datasheet system Complimentary Pair Dual Channel Power MOSFET For Aduio Application(Vdsx:160V,Vgss:14V,Id:8A)(用于音频电路的互补对型双通道功率MOS场效应管(Vdsx:160V,Vgss:14V,Id:8A)) 免费双人双通道功率MOSFET为Aduio应用(Vdsx60V,Vgss4V的,身份证:8A)条(用于音频电路的互补对型双通道功率马鞍山场效应管(Vdsx60V,Vgss4V的,身份证:8A条) COMPLIMENTARY PAIR DUAL CHANNEL POWER MOSFET 免费赠送一对双通道功率MOSFET
|
List of Unclassifed Manufacturers Magnatec N.A. ETC[ETC] Mitel Networks, Corp. Electronic Theatre Controls, Inc.
|
BC847BPN |
DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
|
Pan Jit International Inc.
|
BC847BPN-AU-AU-0001 BC847BPN-AU-AU-1001 BC847BPN-A |
DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
|
Pan Jit International I...
|
KRF7379 |
Generation V Technology Ultra Low On-Resistance Complimentary Half Bridge
|
TY Semiconductor Co., Ltd
|
LBC847BPDW1T1G LBC847BPDW1T3G LBC848BPDW1T3G LBC84 |
Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
|
Leshan Radio Company
|
NTJD4105C NTJD4105CT1 NTJD4105CT1G NTJD4105CT2 NTJ |
Small Signal MOSFET 20V/-8V, Complimentary 0.63A/-0.775A SC-88 Small Signal MOSFET 20 V / −8.0 V, Complementary, 0.63 A / −0.775 A, SC−88
|
ON Semiconductor
|
NTMD2C02R2 |
Power MOSFET 2 Amps / 20 Volts Power MOSFET 2 Amps, 20 Volts, Complimentary SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
EPA209-30 EPA209-10 EPA209-100 EPA209-15 EPA209-2 |
14 Pin DIP TTL Square-Wave Generator With Complimentary Output Analog IC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-SOIC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-PDIP
|
PCA ELECTRONICS INC.
|