Part Number Hot Search : 
T3906 2SC52 AN2544 CM6504IP CLS5012 E732B APS00B 32100
Product Description
Full Text Search
  complimentary Datasheet PDF File

For complimentary Found Datasheets File :: 1340    Search Time::2.016ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LBA110L LBA110LS LBA110LSTR LBA110PL LBA110PLTR

CLARE[Clare, Inc.]
Clare Inc
Part No. LBA110L LBA110LS LBA110LSTR LBA110PL LBA110PLTR
OCR Text ...ovide an ideal solution where a complimentary Form-A/Form-B relay pair is required. Current limiting version is available ("L" suffix). Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving P...
Description DUAL POLE OptoMOS Relay DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX

File Size 160.98K  /  8 Page

View it Online

Download Datasheet





    LBA110 LBA110P LBA110PTR LBA110S LBA110STR

Clare Inc
CLARE[Clare, Inc.]
Part No. LBA110 LBA110P LBA110PTR LBA110S LBA110STR
OCR Text ...ovide an ideal solution where a complimentary Form-A/Form-B relay pair is required. Current limiting version is available ("L" suffix). Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving P...
Description    DUAL POLE OptoMOS Relay
DUAL POLE OptoMOS Relay DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX

File Size 123.91K  /  8 Page

View it Online

Download Datasheet

    74LS77 SN74LS77 SN54_74LS77 ON2954 SN54LS77 SN74LS75 SN74LSXXN SN54LS75 SN54LSXXJ SN74LSXXD

ON Semi
MOTOROLA[Motorola, Inc]
Part No. 74LS77 SN74LS77 SN54_74LS77 ON2954 SN54LS77 SN74LS75 SN74LSXXN SN54LS75 SN54LSXXJ SN74LSXXD
OCR Text ...hes 2, 3 Latch Outputs (Note b) complimentary Latch Outputs (Note b) 0.5 U.L. 2.0 U.L. 2.0 U.L. 10 U.L. 10 U.L. 14 1 N SUFFIX PLASTIC CASE 646-06 NOTES: a) 1 Unit Load (U.L.) = 40 A HIGH. b) The Output LOW drive factor is 2.5 U....
Description 4-BIT D LATCH LOW POWER SCHOTTKY
From old datasheet system

File Size 70.77K  /  4 Page

View it Online

Download Datasheet

    74LVT16500A 74LVT16500ADGG 74LVT16500ADL VT16500ADL VT16500ADGG

PHILIPS[Philips Semiconductors]
NXP Semiconductors
Part No. 74LVT16500A 74LVT16500ADGG 74LVT16500ADL VT16500ADL VT16500ADGG
OCR Text ...nd CPBA. The output enables are complimentary (OEAB is active High, and OEBA is active Low). Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level. QUICK REFERENCE DATA SYMBOL tPLH tPHL CIN ...
Description 3.3V 18-bit universal bus transceiver (3-State)
3.3V 18-bit universal bus transceiver 3-State

File Size 81.80K  /  14 Page

View it Online

Download Datasheet

    74LVT16501A 74LVT16501ADGG 74LVT16501ADL VT16501ADL VT16501ADGG

PHILIPS[Philips Semiconductors]
NXP Semiconductors N.V.
Part No. 74LVT16501A 74LVT16501ADGG 74LVT16501ADL VT16501ADL VT16501ADGG
OCR Text ...nd CPBA. The output enables are complimentary (OEAB is active High, and OEBA is active Low). Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level. QUICK REFERENCE DATA SYMBOL tPLH tPHL CIN ...
Description 3.3V LVT 18-bit universal bus transceiver 3-State
3.3V LVT 18-bit universal bus transceiver(3-State)(3.3V LVT 18位通用总线收发器(三态))
3.3V LVT 18-bit universal bus transceiver(3-State)(3.3V LVT 18浣???ㄦ?绾挎????锛?????)

File Size 88.10K  /  14 Page

View it Online

Download Datasheet

    IRF7389 IRF7389TR

IRF[International Rectifier]
Part No. IRF7389 IRF7389TR
OCR Text complimentary Half Bridge Surface Mount Fully Avalanche Rated S1 G1 S2 G2 N-CHANNEL MOSFET 1 8 D1 D1 D2 D2 N-Ch VDSS 30V P-Ch -30V 2 7 3 6 4 5 P-CHANNEL MOSFET RDS(on) 0.029 0.058 Description Fifth...
Description Generation v technology
30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package

File Size 210.72K  /  10 Page

View it Online

Download Datasheet

    ZLNB2012 ZLNB2012Q16

Diodes Incorporated
ZETEX[Zetex Semiconductors]
Part No. ZLNB2012 ZLNB2012Q16
OCR Text ...ity. The ZLNB2012 also includes complimentary outputs so that it can directly drive many multiplexer IC's without the need of an inverter. Any unused outputs can be left open circuit without any effect to the remaining circuits operation Po...
Description DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER

File Size 95.49K  /  8 Page

View it Online

Download Datasheet

For complimentary Found Datasheets File :: 1340    Search Time::2.016ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of complimentary

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79075193405151