PART |
Description |
Maker |
IRFI064 IRFI064-15 |
Simple Drive Requirements TRANSISTOR N-CHANNEL(Vdss=60V/ Rds(on)=0.017ohm/ Id=45A*) TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*) 60V Single N-Channel Hi-Rel MOSFET in a TO-259AA package
|
International Rectifier
|
IRF7460 IRF7460TR IRF7460TRPBF |
12 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA Power MOSFET(Vdss=20V/ Id=12A) Power MOSFET(Vdss=20V, Id=12A) 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRF9Z24L IRF9Z24S IRF9Z24STRR IRF9Z24STRL |
-60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-60V/ Rds(on)=0.28ohm/ Id=-11A) Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
|
IRF[International Rectifier]
|
IRF9Z34L IRF9Z34S IRF9Z34STRL IRF9Z34STRR |
-60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-60V/ Rds(on)=0.14ohm/ Id=-18A) Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
|
IRF[International Rectifier]
|
IRL3102S |
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A) 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)\u003d0.013瓦特,身份证\u003d 61A条) Power MOSFET(Vdss=20V Rds(on)=0.013w Id=61A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFP054VPBF |
HEXFET? Power MOSFET ( VDSS = 60V , RDS(on) = 9.0mΩ , ID = 93A ) HEXFET㈢ Power MOSFET ( VDSS = 60V , RDS(on) = 9.0mヘ , ID = 93A )
|
International Rectifier
|
IRF7106 IRF7106TR |
20V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss= -20V)
|
IRF[International Rectifier]
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|
IRFIZ48V IRFIZ48 IRFIZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
|
IRF[International Rectifier]
|
IRFP064 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
|
IRF[International Rectifier] Power MOSFET
|
IRF7507 |
Power MOSFET(Vdss= -20V)
|
International Rectifier
|