PART |
Description |
Maker |
SD530YS SD550YS SD580YS SD5100YS SD520YS SD540YS S |
(SD520YS - SD5100YS) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) 表面贴装肖特基(电压20100伏特,电 5安培
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
MBR0520LT1G MBR0520LT3 MBR0520LT3G MBR0520LT1 |
Surface Mount Schottky Barrier Power Rectifier(0.5A,20V表贴型肖特基势垒功率整流 Surface Mount Schottky Power Rectifier Plastic SOD−123 Package
|
ONSEMI[ON Semiconductor]
|
MBRX02520 MBRX0252008 MBRX02530 MBRX02540 MBRX0256 |
0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts DIODE SCHOTTKY 20V 250MA SOD323
|
Micro Commercial Components
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SGP0230SD-15 |
Surface Mount Schottky Rectifier Reverse Voltage 30~40V Forward Current 2A Surface Mount Schottky Rectifier
|
GOOD-ARK Electronics
|
B8220K6 HSMS2825 HSMS2828 HSMS2829 HSMS282E HSMS28 |
2.2V 1Amp surface mount zero bias schottky detector diode 2.0V 1Amp surface mount zero bias schottky detector diode 4.9V 1Amp surface mount zero bias schottky detector diode 4.7V 1Amp surface mount zero bias schottky detector diode 4.5V 1Amp surface mount zero bias schottky detector diode 4.2V 1Amp surface mount zero bias schottky detector diode 4.0V 1Amp surface mount zero bias schottky detector diode Rectifier Diode Surface Mount Zero Bias Schottky Detector Diodes 4.1V 1Amp surface mount zero bias schottky detector diode 4.4V 1Amp surface mount zero bias schottky detector diode 4.3V 1Amp surface mount zero bias schottky detector diode 4.6V 1Amp surface mount zero bias schottky detector diode 4.8V 1Amp surface mount zero bias schottky detector diode 2.4V 1Amp surface mount zero bias schottky detector diode
|
http:// List of Unclassifed Manufacturers ETC[ETC] BayLinear Electronic Theatre Controls, Inc.
|
MBR0540T1 MBR0540T3 |
(MBR0540T1 / MBR0540T3) Surface Mount Schottky Power Rectifier SOD-123 Power Surface Mount Package
|
ON Semiconductor
|
MBR0530T1 MBR0530T3 MBR0530LT1 ON0406 06F9814 MBR0 |
From old datasheet system SURFACE MOUNT SCHOTTKY POWER RECTIFIER MOSFET N-CH 500V 5A D2-PAK (MBR0530T1 / MBR0530T3) SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS DIODE SCHOTTKY 0.5A
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc.
|
SD530YS-T3 SD550YS-T3 SD580YS-T3 SD560YS-T3 SD5100 |
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0a中的DPAK表面贴装肖特基整 (SD520YS - SD5100YS) 5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|