PART |
Description |
Maker |
LM431BIZX |
Adjustable/2.5V, 1% Tolerance Shunt Regulator; Package: TO-92R; No of Pins: 3; Container: Tape & Reel 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PBCY3
|
Fairchild Semiconductor, Corp.
|
ICL7663S05 ICL7663SCBAZA ICL7663SACBAZA ICL7663SCP |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HS0-117RH-Q HS9S-117RH/PROTO |
Adjustable Positive Voltage Regulator; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, UUC6 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3
|
Vishay Intertechnology, Inc. Intersil, Corp. INTERSIL CORP
|
AS2830 AS2830YR-X AS2830AT AS2830AR-3.3 AS2830YU-X |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response PositiveFixedVoltageRegulator 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 Positive Adjustable Voltage Regulator 积极可调电压稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation]
SIPEX
Cypress Semiconductor, Corp. Analog Devices, Inc.
|
AS2810YU-X |
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1A低压差线性稳压器可调
|
Cypress Semiconductor, Corp.
|
SG117A SG117 SG217 SG217A SG317 SG317A JAN117K JAN |
Positive Adjustable Linear Voltage Regulators ADJUSTABLE POSITIVE REGULATOR, MBCY3 From old datasheet system 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR GT 6C 6#16 PIN RECP BOX ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
CS5206-5GT3 CS5206-1 CS5206-1GDP3 CS5206-1GDPR3 CS |
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 6.0A Adjustable Output 6.0A, 5V Output 6.0A, 3.3V Output
|
DB Lectro, Inc. ONSEMI[ON Semiconductor]
|
B29151/2/3T B29151/2/3S B29151/2/3J B29150S |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调
|
Electronic Theatre Controls, Inc.
|
IDT74FC2240AT IDT74FC2240CT IDT74FC2240T IDT74FC24 |
Standalone IrDA Encoder & Decoder 8-TSSOP -40 to 85 4-Pin DIP Phototransistor Output Optocoupler; Package: DIP-B; No of Pins: 4; Container: Box Dual Low-Power General-Purpose Operational Amplifier 8-SOIC 0 to 70 快速CMOS八路缓冲线路驱动 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 快速CMOS八路缓冲线路驱动 High-Performance Impact<TM> Programmable Array Logic Circuits 24-CDIP -55 to 125 快速CMOS八路缓冲线路驱动 FAST CMOS OCTAL BUFFER/LINE DRIVERS 快速CMOS八路缓冲线路驱动 Single 2A High-Speed, Low-Side Gate Driver; Package: MLP; No of Pins: 6; Container: Tape & Reel 快速CMOS八路缓冲线路驱动 128 x 64 pixel format, LED Backlight available 快速CMOS八路缓冲线路驱动 Replaced by SN74ABT2244A : Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-TSSOP -40 to 85 快速CMOS八路缓冲线路驱动 Single Output LDO, 620mA, Fixed(2.85V), SCSI Active Termination, Thermal Overload Protection 20-TSSOP 0 to 125 快速CMOS八路缓冲线路驱动 0.5A Adjustable Low Dropout Linear Regulator; Package: SOT-223; No of Pins: 4; Container: Tape & Reel Fast smos octal buffer/line driver FAST CMOS OCTAL BUFFER/LINE DRIVERS
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
LX8384X-XX LX8384B-XXCP LX8384_84A_84B-00 LX8384_8 |
5A Low Dropout Positive Regulators 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 µP Supervisory with Manual Reset and Watchdog - Active-High Push/Pull, TH: 2.93V, SOT23 5-pin µP Supervisory with Manual Reset and Watchdog - Active-Low Open-Drain - TH: 2.93V, SOT23 5-pin 积极的固定电压稳压器 Quad Comparator Push/Pull Output, TSSOP-14 Analog IC Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
LT1085IT-12PBF LT1587CT-1.5PBF LT1083IK LM338MK |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-29 V ADJUSTABLE POSITIVE LDO REGULATOR, MBFM4 1.2 V-32 V ADJUSTABLE POSITIVE REGULATOR, MBFM4
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|