PART |
Description |
Maker |
P6SMB9.1 P6SMB6.8 P6SMB10 |
600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
|
Taiwan Semiconductor Co...
|
STK3902 STK3905 STK3903 |
DIODE TVS 440V 600W BIDIR 5% SMB Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:5V AnalogIC
|
|
T1020-600W T1030-600W |
(T1020-600W / T1030-600W) SNUBBERLESS TRIAC
|
ST Microelectronics
|
SMBJ50AT-01L SMBJ50A SMBJ50AT |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes Inc. DIODES[Diodes Incorporated]
|
P6SMB2XA P6SMB5XA P6SMB7XA |
600W Surface Mount Transient Voltage Suppressors
|
Weitron Technology
|
SMBJ SMBJ16CA SMBJ58CA SMBJ51CA SMBJ30CA SMBJ24C |
600W Peak Power Surface Mount TVS
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
SMBT70A-13-F SMAT70A-09 |
400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes Incorporated
|
ST13081 STI431 ST16012 ST15012 ST15011 STI709 STI7 |
MediaClock MPEG Clock Generator with VCXO DIODE TVS 150V 600W BIDIR 5% SMB 18-Mbit QDR-II SRAM 4-Word Burst Architecture TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 10A I(C) | TO-3 DIODE TVS 7.5V 600W UNI 5% SMB DIODE TVS 7.5V 600W BIDIR 5% SMB 3.3V 32K/64K x 16/18 Dual-Port Static RAM CAPSENSE EXPRESS EVALUATION KIT DIODE TVS 13V 600W UNIDIR 5% SMB Peppermint Board (CY22393 Candy Board) DIODE TVS 150V 600W UNI 5% SMB DIODE TVS 82V 600W BIDIR 5% SMB Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option 晶体管|晶体管|叩| 450V五(巴西)总裁|5A一(c)|04AA Failsafe™ 2.5V/ 3.3V Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
AIF50B300 AIF120F300 AIF AIF80A300 AIF25H300 AIF12 |
Embedded Power for Business-Critical Continuity 600W Continuous power at 100°C baseplate temperature 600W Continuous power at 100∑C baseplate temperature 1-OUTPUT 600 W DC-DC REG PWR SUPPLY MODULE
|
Astec America, Inc Emerson Network Power
|
SMBJ90CA SMBJ100A SMBJ100CA SMBJ10A SMBJ10CA SMBJ1 |
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-CDIP -55 to 125
|
Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|