PART |
Description |
Maker |
VUO30-14NO3 VUO30-18NO3 VUO30 VUO30-08NO3 VUO30-12 |
Three Phase Rectifier Bridge 3 PHASE, 50 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
MZ20007 MZ800 |
Three Phase 12 Amp bridge Rectifier 3 Phase Bridge; IO/ Leg (A): 12; VR / Leg (V): 800; IFSM / Leg (A): 100; IR/Leg (µA): 5; VF/leg (V): 1.2; 3 PHASE, 12 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi Corporation Microsemi, Corp.
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
LMB6S-TP LMB8S-TP LMB2S LMB2S-TP LMB4S LMB4S-TP |
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts
|
Micro Commercial Components
|
GBJ4A GBJ4K GBJ4J GBJ4B GBJ4D GBJ4G |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
GBU8K GBU8A GBU8B GBU8D GBU8G GBU8J |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
|
Pan Jit International I... PANJIT[Pan Jit International Inc.]
|
GBU10A GBU10K GBU10B GBU10D GBU10G GBU10J |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
|
PANJIT[Pan Jit International Inc.]
|
MD4 MD7 MD5 MD3 MD6 MD6-W |
0.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
|
RECTRON LTD Rectron Semiconductor
|
DSP8-12AC DSP8-08AC |
Phase-leg Rectifier Diode ISOPLUS220 11 A, 800 V, SILICON, RECTIFIER DIODE Phase-leg Rectifier Diode ISOPLUS220 11 A, 1200 V, SILICON, RECTIFIER DIODE
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VBO36-12NO8 VBO20-16NO2 VBE20-20NO1 FBO40-12N VBO6 |
3 PHASE, 30 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 20 A, 2000 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM 40 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 65 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|