PART |
Description |
Maker |
195-MB02 195-MB22 195-MB40 195-MB11 199-MXM1 100-M |
CONTACTOR 9A 24VDC 接触9A4Vdc CONTACTOR 5A 24VAC CONTACTOR 12A 24VDC CONTACTOR 5A 24VDC CONTACTOR 12A 24VAC CONTACTOR 9A 230VAC CONTACTOR 9A 24VAC CONTACTOR 5A 110VAC CONTACTOR 12A 110VAC MECHANICAL INTERLOCK AC CONTACT BLOCK AUX 1N0/1NC CONTACT BLOCK AUXILIARY 4NO CONTACT BLOCK AUX 2N0/2NC CONTACT BLOCK AUXILIARY 2NC
|
Princeton Technology, Corp.
|
LRD3357 LRD3359 LRD14 LRD10 LRD01 LRD02 LRD03 LRD0 |
TeSys? IEC Contactors and Starters
|
List of Unclassifed Manufacturers
|
22-01-2065 22-01-2115 22-01-2026 22-01-2155 22-01- |
Header Connector,Cable Mnt,PLUG,6 Contacts,SKT,0.1 Pitch,IDC Terminal RoHS Compliant: Yes 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 11 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 2.54mm KK Crp Trm Hsg il W/OLRmp 2Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 15 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 12 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 2.54mm KK Crp Trm Hsg il W/OLRmp 2Ckt 2.54mm KK Crp Trm Hsg il W/LRmp 21Ckt
|
Molex, Inc. MOLEX INC
|
39880-0109 39880-0107 39880-0104 39880-0113 MOLEXI |
15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.2"; Wire Size (AWG):30-12; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Color:Black; Contact Plating:Tin; Current Rating:15A; Number of Rows:1
|
MOLEX INC
|
20020516-H041B01LF 20020516-H061B01LF 20020516-H02 |
TERMINAL BLOCK PLUGGABLE PLUG, CONTACT DOWN SIDE
|
FCI connector
|
1553160000 |
Terminal Block; Number of Positions:6; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Screw Clamp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
1.20123.0010000 |
Accessories, Universal Contact Block for illuminated Momentary and Latching Selector Switches
|
ITT Industries
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
JE-5 |
Auxiliary Actuator, Roller Lever
|
Honeywell
|
DI-133 |
Non-isolated Induction Cooktop Auxiliary Supply
|
POWERINT[Power Integrations, Inc.]
|
NVF9AZ15ADC12V NVF9AZ15ADC24V NVF9AZ15ADC6V NVF9AZ |
Suitable for automation system and automobile auxiliary etc
|
DB Lectro Inc
|