PART |
Description |
Maker |
3SM0 1N5552 |
Standard Recovery Axial Rectifier. 200 V-1000 V. Io=5.0 A Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(反向电压600V,平均正向电流5A,轴向引脚,密封标准恢复整流二极
|
Semtech Corporation
|
3PM8 3PM0 3PM2 3PM4 3PM6 |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(杞村?寮??锛??灏??锛???????00V锛?钩??????娴?.5A,????㈠??存?浜??绠? AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.5A,标准恢复整流二极 Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.5A,标准恢复整流二极
|
SEMTECH[Semtech Corporation]
|
SC3AS4 SC3AS2 SC3AS1 SC3AS05 SC3AS6 |
Standard Recovery 3-Phase Full Wave Bridge Rectifier(????靛?600V锛??澹虫俯搴?5???骞冲??存??垫?130A锛?????澶??3?稿?娉㈡ˉ?存??? STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS Standard Recovery 3-Phase Full Wave Bridge Rectifier(反向电压400V,管壳温55℃时平均整流电流130A,标准恢复,3相全波桥整流
|
Semtech Corporation
|
MSARS200S20LP MSARS200S20LRP |
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER 200 A, 200 V, SILICON, RECTIFIER DIODE HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER Standard Rectifier (trr more than 500ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
SC3BA05 SC3BA4 SC3BA1 SC3BA2 SC3BA6 |
3 PHASE, 6 A, SILICON, BRIDGE RECTIFIER DIODE STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS Standard Recovery 3-Phase Full Wave Bridge Rectifier(反向电压50V,管壳温55℃时平均整流电流18A,标准恢复,3相全波桥整流 Standard Recovery 3-Phase Full Wave Bridge Rectifier(反向电压100V,管壳温55℃时平均整流电流18A,标准恢复,3相全波桥整流
|
Semtech Corporation
|
S2HVS7.5 S2HVS2.5 S2HVS5 |
High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压7500V,高压,高密度,标准恢复整流器部 STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
1N4935RL 1N4007RL |
1A 200V Fast-Recovery Rectifier 1A 1000V Standard Rectifier
|
ON Semiconductor
|
RP0009 RP0009-15 |
RECTIFIER STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
Solid States Devices, I...
|
BY228 |
STANDARD RECOVERY RECTIFIER
|
Digitron Semiconductors
|
R00001D R00001D-15 |
STANDARD RECOVERY RECTIFIER
|
Solid States Devices, I...
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|