PART |
Description |
Maker |
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
K6R1004C1A K6R1004C1A-12 K6R1004C1A-15 K6R1004C1A- |
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
FOD814 |
(FOD617 - FOD817) 4-Pin High Operating Temperature Phototransistor Optocouplers
|
Fairchild Semiconductor
|
K6R1004C1B K6R1004C1B-10 K6R1004C1B-12 K6R1004C1B- |
256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
HLMA-QH00 HLMA-QH00-S0011 HLMA-QH00-S0012 HLMA-QH0 |
SubminiatureHighPerformanceAlInGaPLEDLamps
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.Bulk
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.7inchRee..
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps
Subminiature High Performance AS AlInGaP Red Orange LED Lamps. Gull Wing. 7 inch Reel Pin contact interface connectors; HRS No: 225-0014-8 02; No. of Positions: 50; Operating Temperature Range (degrees C): -55 to 85 超小型高性能T型车的AlInGaP红色橙色LED灯具 超小型高性能T型车的AlInGaP红色LED Pin contact interface connectors; HRS No: 225-0025-4 00; No. of Positions: 36; Operating Temperature Range (degrees C): -55 to 85 超小型高性能铝铟镓磷化物发光二极 Subminiature High Performance AlInGaP LED Lamps 超小型高性能铝铟镓磷化物发光二极 Subminiature High Performance AS AlInGaP Red LED Lamps 超小型高性能的AlInGaP红色LED
|
http:// HP[Agilent(Hewlett-Packard)] Ironwood Electronics Avago Technologies, Ltd. Agilent(Hewlett-Packard...
|
FOD815 FOD815.W FOD815.300W |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER LEAD FREE, DIP-4 4-Pin High Operating Temperature Photodarlington Optocoupler
|
Fairchild Semiconductor, Corp.
|
PS9817-2-V-F3 PS9817-2-V-F4 PS9817-1-V-F3 PS9817-1 |
Power Resistor; Series:MK; Resistance:10ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER 邻舍高CMR10Mbps的集电极开路输出型8引脚SSOP(以SO - 8)高速光电耦合 SWITCH, REED SPST 20.5MM 邻舍高CMR0Mbps的集电极开路输出型8引脚SSOP(以SO - 8)高速光电耦合 NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER 邻舍高CMR0Mbps的集电极开路输出型8引脚SSOP(以SO - 8)高速光电耦合
|
California Eastern Laboratories, Inc.
|
2SK3467 2SK3467-ZK 2SK3467-ZK-AZ |
80 A, 20 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB MP-25ZK, 3 PIN PROFET: Smart High Side Switches; Package: PG-DSO-36; Channels: 8.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 11.0 - 45.0 V; IL(SC): 3.0 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-DSO-36; Channels: 8.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 11.0 - 45.0 V; IL(SC): 3.0 A; Diagnostic: n.a. SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE Nch power MOS FET (Switching)
|
NEC Corp. NEC[NEC]
|
KM6161002A KM6161002A-12 KM6161002A-15 KM6161002A- |
64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out CMOS SRAM
|
Samsung Electronic Samsung semiconductor
|
ZF-1519-3 |
Operating Voltage= 115/240 Vac Operating Current Max= 3.0 amp
|
JMK Inc.
|