PART |
Description |
Maker |
MDT2010 |
Function Compatible With PIC16C56 8-bit micro-controller uses a fully static CMOS design technology
|
Micon Design Technology ETC List of Unclassifed Manufacturers
|
X24022 X24022P X24022P-2.7 X24022P-3 X24022PI X240 |
Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 串行E2PROM Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Serial E2PROM
|
XICOR[Xicor Inc.]
|
MAX166 MAX166ACPP MAX166ACWP MAX166AEPP MAX166AEWP |
CMOS μP-Compatible, 5μs, 8-Bit ADCs CMOS microprocessor-compatible, 5 microsec, 8-bit ADC. Error -1 LSB. Plug-in upgrade to the MX7575. CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP18 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP20 CMOS P-Compatible, 5レs, 8-Bit ADCs CMOS P-Compatible / 5s / 8-Bit ADCs CMOS ??-Compatible, 5??, 8-Bit ADCs CMOS P-Compatible 5s 8-Bit ADCs CMOS P-Compatible, 5s, 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
UAA3545 UAA3545HL UAA3545HL/C1 |
UAA3545; Fully integrated DECT transceiver Fully integrated DECT transceiver TELECOM, CORDLESS, RF AND BASEBAND CIRCUIT, PQFP32
|
Philips NXP Semiconductors N.V.
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
SNAP-IT-RM-UADS |
Controllers; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
Opto 22
|
93AA46 |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C 1K Microwire-Compatible Serial EERPOM.
|
Microchip
|
122506A |
Connector assemblies, Test; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
DLP-7970ABP |
Compatible with NFCLink Library, Compatible with MSP430G2x LaunchPad
|
List of Unclassifed Manufacturers
|
VNB35N07 VNP35N07FI VNV35N07 1612 VNB35N0713TR VNV |
OMNIFET FULLY AUTOPROTECTED POWER MOSFET "OMNIFET" FULLY AUTOPROTECTED POWER MOSFET ”OMNIFET”: FULLY AUTOPROTECTED POWER MOSFET From old datasheet system OMNIFET: FULLY AUTOPROTECTED POWER MOSFET ”OMNIFET? FULLY AUTOPROTECTED POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|