PART |
Description |
Maker |
FZT751 |
3 Amp continuous current, Low saturation voltage
|
TY Semiconductor Co., Ltd
|
FMMT551 |
60 Volt VCEO, 1 Amp continuous current.
|
TY Semiconductor Co., Ltd
|
X9119TV14 X9119TV14-2.7 X9119TV14I X9119TV14I-2.7 |
IGBT MODULE, 1200V, 54A; Transistor type:IGBT4; Current, Ic continuous a max:56A; Voltage, Vce sat max:2.05V; Case style:MiniSkiiP 2 ; Current, Ic continuous b max:45A; Time, rise:35ns; Voltage, Vce sat typ:1.85V; Voltage, RoHS Compliant: Yes Single Supply/Low Power/1024-Tap/2-Wire Bus
|
INTERSIL[Intersil Corporation]
|
BAV170 |
Plastic SMD package Low leakage current: typ. 3 pA Continuous reverse voltage:max. 75 V
|
TY Semiconductor Co., Ltd
|
PS7112-1A PS7112L PS7112L-1A PS7112L-1A-E3 PS7112L |
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP00毫安的连续负载电1通道光学耦合场效应晶体管 Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Solid State Relay(固态继电器) 6-PIN DIP / 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS710AL-1A-E3-A PS710AL-1A-E4 PS710AL-1A-A PS710A- |
6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
Duracell California Eastern Labs
|
PS710EL-1A-E3-A PS710EL-1A-E4-A PS710E-1A-A PS710E |
6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC
|
PS710EL-1A-E4-A PS710E-1A PS710E-1A-A PS710EL-1A P |
6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP.08欧姆的低导通状态电.0连续负载电流1通道光学耦合场效应晶体管
|
California Eastern Laboratories, Inc. CEL[California Eastern Labs]
|
PS710BL-1A-E4-A PS710B-1A PS710B-1A-A PS710BL-1A P |
6-PIN DIP, 0.05 ohm LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP.05欧姆的低导通状态电.5连续负载电流1通道光学耦合场效应晶体管
|
California Eastern Laboratories, Inc. http:// CEL[California Eastern Labs]
|
PMD18D80 PMD19D PM019D80 |
300 WATT (50 AMP CONTINUOUS, 100 AMP PEAK
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|
MCP6041 MCP6043 MCP6044 MCP6042 MCP6044T MCP6041T |
The MCP6041 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6044 quad operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... The MCP6043 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6042 dual operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... 600 nA, Rail-to-Rail Input/Output Op Amps
|
MICROCHIP[Microchip Technology]
|