PART |
Description |
Maker |
9001-100-1010 9001-100-1025 51-353-003 51-353-076 |
1 FUNCTIONS, 100 V, 0.5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 0.45 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 150 V, 4 A, DATA LINE FILTER 1 FUNCTIONS, 300 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 1 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 3 A, DATA LINE FILTER Hermetically Sealed Threaded Case Filters Hermetically Sealed Threaded Case Filters
|
SPECTRUM CONTROL INC Spectrum Microwave, Inc. Spectrum Microwave, Inc...
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
500X07NW101MV4T 500X07NW152MV4T 500X07NW222MV4T 50 |
1 FUNCTIONS, 50 V, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0402, 3 PIN 1 FUNCTIONS, 100 V, DATA LINE FILTER
|
Vicor, Corp.
|
4501-120M 4501R-104M 4501R-118M 4501R-108M 4501-12 |
Surface Mount Low-Profile Power Toroids 2 FUNCTIONS, 2.5 A, DATA LINE FILTER 2 FUNCTIONS, 0.95 A, DATA LINE FILTER
|
API Delevan
|
ICM1206RK601M ICM-1206 ICM1206RK222M ICM1206RK900M |
2 FUNCTIONS, 50 V, 0.37 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 0.2 A, DATA LINE FILTER Surface Mount Common Mode Choke
|
VISHAY DALE Vishay Siliconix http://
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
NUF2900MNT1G NUF2900MN |
Two Line EMI Filter with ESD Protection for High Speed Data Interface 2 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
PSM4-471P-20B0 PSM1-680M-10B2 PSM1-471P-20T0 PSM4- |
1 FUNCTIONS, 200 V, 20 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 20 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER
|
Spectrum Control, Inc. SPECTRUM CONTROL INC
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
NUF4210MNT1G |
Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package 4 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
NUF6005MUT2G |
6 Line EMI Filter with ESD Protection in UDFN Package 6 FUNCTIONS, 5 V, DATA LINE FILTER
|
ON Semiconductor
|
YR2C2-104H YR1B2-502H YR2C2-502H YR2C2-153H YS2C2- |
1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR
|
AVX, Corp.
|
|