PART |
Description |
Maker |
P4SMA540A P4SMA400A P4SMA75A P4SMA150A P4SMA480A P |
Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB㈢ Transient Voltage Suppressors
|
Vishay Siliconix
|
1.5SMC510A 1.5SMC62A 1.5SMC36A 1.5SMC400A 1.5SMC48 |
Surface Mount TRANSZORB Transient Voltage Suppressors TRANSZORB® Transient Voltage Suppressors SMD TRANSZORB,瞬态电压抑制器,SMD Surface Mount TRANSZORB Transient Voltage Suppressors 表面贴装TRANSZORB瞬态电压抑制器 Surface Mount TRANSZORB?Transient Voltage Suppressors, Peak Pulse Power 1500W Surface Mount TRANSZORBTransient Voltage Suppressors, Peak Pulse Power 1500W 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. http:// VISAY[Vishay Siliconix] VISHAY SEMICONDUCTORS
|
SMBJ60 SMBJ36A SMBJ18 SMBJ12 SMBJ6.5 SMBJ6.0 SMBJ4 |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
http:// Vishay Siliconix
|
SMAJ40A SMAJ22 SMAJ9.0DC SMAJ9.0ADC SMAJ100 SMAJ8. |
1.2 mA surface mount transient voltage suppressor 1.5 mA surface mount transient voltage suppressor 1.6 mA surface mount transient voltage suppressor 1.7 mA surface mount transient voltage suppressor Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-29 RoHS Compliant: No Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:16-35 RoHS Compliant: No TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 技术参数表面贴装瞬态电压抑制器 Circular Connector; No. of Contacts:61; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-61 RoHS Compliant: No 1.9 mA surface mount transient voltage suppressor 1.3 mA surface mount transient voltage suppressor 1.1 mA surface mount transient voltage suppressor 1.0 mA surface mount transient voltage suppressor
|
DC Components Co., Ltd.
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
TPC27AHM3/87A TPC6.8 TPC6.8A TPC30 TPC8.2A TPC9.1A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-277A HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMPC, 3 PIN Surface Mount PAR Transient Voltage Suppressors Surface Mount PAR Transient Voltage Suppressors
|
Vishay Beyschlag Vishay Siliconix VISHAY SEMICONDUCTORS
|
SMCG43A SMCJ75 SMCJ58A |
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
|
MICROSEMI[Microsemi Corporation]
|
CMATVS3V3 |
SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSORS
|
Central Semiconductor C...
|
D20NP1R4F5PA D12NP0R4F5PA D12NP0R4B5PA D15NP1R2F5P |
CAPACITOR, CERAMIC, 50 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000004 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000005 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000018 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000009 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000045 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000013 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.000001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000035 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000017 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000016 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NS, 0.000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, BJ, 0.000043 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.0000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP
|
Dielectric Laboratories, Inc.
|
P4SMA600A P4SMA380A P4SMA380CA P4SMA500A P4SMA600C |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|
P6SMB440A P6SMB520A P6SMB600A P6SMB500A P6SMB400A |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS)
|
Socay Electornics Co., Ltd. Socay Electornics Co., ...
|
|