PART |
Description |
Maker |
OM1323STM OM1323 OM1323N2M OM1323NKM OM1323NMM OM1 |
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.2 V-47 V ADJUSTABLE NEGATIVE REGULATOR, MSFM3
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Omnirel International Rectifier
|
LT1033CT LT103302 LT1033 LT1033CP |
VOLT REGULATOR|ADJUSTABLE|-1.2 TO -32V|BIPOLAR|SIP|3PIN|PLASTIC 3A Negative Adjustable Regulator
|
Linear Technology
|
TK73200 TK73200MCL TK73200MCL_C00 TK73200M TK73200 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, PDSO8 ADJUSTABLE LOW DROPOUT REGULATOR
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
LM2931CDG |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 2.7 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
AAT250308 |
Adjustable 3-Channel Regulator
|
Advanced Analogic Technologies
|
AAT2503IZL-BAA-T1 |
Adjustable Three-Channel Regulator
|
Skyworks Solutions Inc.
|
NTE953 |
5 V-30 V ADJUSTABLE POSITIVE REGULATOR, PSFM4 Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
|
NTE[NTE Electronics]
|
ICL7663SACBA-T ICL7663SAIBA ICL7663SAIJA |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, CDIP8
|
Fujitsu, Ltd. HARRIS SEMICONDUCTOR
|
ICL7663S05 ICL7663SCBAZA ICL7663SACBAZA ICL7663SCP |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|