PART |
Description |
Maker |
10A2 10A1 10A4 10A8 10A6 10A10 10A005 |
Video Triax Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material Coaxial Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance Triaxial Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance:17.3pF/ft; Leaded Process Compatible:Yes; Shielding Coverage:95% RoHS Compliant: Yes Video Triax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance:16.1pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes MICRO MATE PLUG PCB EDGE MOUNT Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 10.0放大器硅整流
|
Bytes
|
M36W108T100ZN5T M36W108T100ZM6T M36W108T120ZM6T M3 |
TV 5C 5#16 PIN RECP Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Light Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Blue; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes TV 6C 6#20 PIN WALL RECP 8兆8,启动块闪存兆位128KB的x8 SRAM的低电压多媒体存储产 Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 8兆8,启动块闪存兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|
KFW2G16D2M-DED5 KFW4G16Q2M-DEB5 KFW4G16Q2M-DED5 KF |
RES, 15 OHM, 1%, 1/16W, 0402 PKG CONN RCPT .100 100POS DL R/A AU Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:223; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:223; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:UL AWM Style 1354; Cable/Wire MIL SPEC:MIL-C-17G RoHS Compliant: Yes FLASH MEMORY(54MHz) 闪存4MHz之间 FLASH MEMORY(54MHz)
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
A29512L-90 A29512L-70 A29512L-55 A29512V-55 A29512 |
Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 64K的8位CMOS 5.0伏只,统一部门快闪记忆 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K的8位CMOS 5.0伏只,统一部门快闪记忆
|
AMIC Technology Corporation AMIC Technology, Corp.
|
RT1608 RT1608K100CS RT1608K100GS RT1608M100CS RC32 |
CA BAYONET Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes CACOM 35C 35#16 PIN PLUG CA06COME28-15PWBF97 CA06COME28-15SWBF97 CANCA06COME28-15PBF80G12 CANCA06COME28-15SBF80G12 NITRON LIN CA-BAYONET CACOMB 35C 35#16 SKT PLUG 贴片电阻 CACOM 35C 35#16 SKT PLUG 贴片电阻 THICK FILM CHIP RESISTORS 贴片电阻 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:12; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 贴片电阻 Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes 贴片电阻 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes 贴片电阻 Coaxial Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers Samsung Electronics Electronic Theatre Controls, Inc. Infineon Technologies AG
|
1E-11PT-15.5 1E-16PT-25.5 1E-4PT-2.4 1E-5PT-4.8 1E |
FO CERAMIC 62.5 PVC SC-LC 2M PATCH Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes FO CERAMIC 62.5 PVC LC-MT 2M PATCH FO CERAMIC 62.5 PVC SC-LC 2M PATCH 首页额定电压互感器保险丝 FO CERAMIC 62.5 PVC SC-MT 2M PATCH 首页额定电压互感器保险丝 E Rated Potential Transformer Fuses 首页额定电压互感器保险丝 FO CERAMIC 62.5 PVC SC-MT 2M PATCH
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
HF439_S115D HF2428_N003A HF2428_N003B HF2428_N003C |
ER 4C 2#16 2#8 SKT PLUG RTANG 微型中间功率继电 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:25; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Capacitance:16.9pF/ft; Conductor Material:Copper; Jacket Color:Light Blue RoHS Compliant: Yes 微型中间功率继电 ER 3C 3#8 SKT PLUG 微型中间功率继电 MINIATURE INTERMEDIATE POWER RELAY 微型中间功率继电
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
HPC16083XXX/V20 HPC16083XXX/V30 HPC26083XXX/V17 HP |
Push-on lock system, Miniature coaxial connectors; HRS No: 312-0187-8 40; Impedance (ohm): 75; Frequency Range (GHz): 0 to 1; Operating Temperature Range (degrees C): -30 to 60; General Description: Ground plate 16位微控制 16-Bit Microcontroller 16位微控制
|
Spansion, Inc. ITT, Corp. Bel Fuse, Inc.
|
271.1101.0000 |
Triaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Capacitance:17pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes
|
Littelfuse, Inc.
|