PART |
Description |
Maker |
V23818-H308-L57 |
Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LCConnector 纤巧多模850纳米622兆比秒的OC - 12收发器连接器会⑩ Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC⑩ Connector Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC Connector
|
Infineon Technologies AG
|
HFBR-5963ALZ |
Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
|
AVAGO TECHNOLOGIES LIMI...
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
V23838-M305-M56 INFINEONTECHNOLOGIESAG-V23838-M305 |
SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LCConnector
|
Infineon Technologies AG
|
V23848-N305-C56 |
iSFP-Intelligent Small Form-factor Pluggable 2.5 Gbit/s InfiniBand 1X-SX Multimode 850 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
125GBIT/SSC1X93.3AMP5V FC10625GBDSC1X933V |
Transceivers by Form-factor MSA - Product Type Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX
|
Infineon
|
106283-1080 |
Quad Small Form-factor Pluggable Plus (QSFP) Optical Cable Assembly, 4 TX, 4 RX 8 Fiber MTP Multimode 50/125m 3mm Round Cable Plenum, High Bandwidth (OM3), 80.0m
|
Molex Electronics Ltd.
|
106283-1095 |
Quad Small Form-factor Pluggable Plus (QSFP) Optical Cable Assembly, 4 TX, 4 RX 8 Fiber MTP Multimode 50/125m 3mm Round Cable Plenum, High Bandwidth (OM3), 95.0m
|
Molex Electronics Ltd.
|
1.25GBIT/SLCSFP3.3V |
Transceivers by Form-factor MSA - SFP - Multimode 850nm, VCSEL, 1.25GBit/s GBE, 1.0625 GBit/s FC, OC-48 Transceiver, LC
|
Infineon
|
V23818-N15-L17 V23818-N15-L16 V23818-N15-L353 V238 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, collar, active data output if SD low Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, AC-AC Coupling ext. Temp Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, DC-DC Coupling ext. Temp Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC?/a> Connector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector
|
Infineon Technologies AG
|
SFC-1-LP |
SMALL FORM FACTOR CAGE
|
Adam Technologies, Inc.
|
DSSCENICC620 |
SCENIC C620 Green PC Small Form Factor PC
|
Fujitsu Component Limited.
|