PART |
Description |
Maker |
LM317MDT LM317MS LM317MT LM317MX LM217M LM217MDT L |
MEDIUM CURRENT1.2 TO 37V ADJUSTABLE VOLTAGE REGULATORS MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR Medium Current 1.2 TO 37V Adjustable Volatage Regulator(中等电流.2V7V可调电压稳压 中等电流1.27V可调Volatage稳压器(中等电流,片山至1.2V的可调电压稳压器
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
LM317A LM317AL-TA3-T LM317AL-TF2-T LM317AL-TQ2-T L |
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
E-Tech Electronics LTD
|
LM317LZ LM217L LM217LD LM217LZ LM317L |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR LOW CURRENT LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
SGS Thomson Microelectronics STMicroelectronics
|
LM317LK-T92-K LM317LK-S08-R LM317LK-S08-T LM317LK- |
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
Unisonic Technologies
|
UTCLM317L |
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR 低电1.25V时到37V可调电压调节
|
Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies]
|
NCP45560 |
NCP45560 Datasheet - ecoSWITCH™ Advanced Load Management: 23A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out, Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
CA82C59A-10CJ CA82C59A-10CN CA82C59A-8IP CA82C59A- |
300KHZ -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT MODE PWM REGULATOR 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ST92F124/ST92F150/ST92F250 - 8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD 3.3V Step down current mode PWM DC-DC converters 中断控制 Interrupt Controller 中断控制
|
Microchip Technology, Inc. Atmel, Corp.
|
BD535K BD536J BD534K BD538K BD538J BD534 BD537 |
50.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 8.000A Ic, 15 hFE. 50.000W Medium Power PNP Plastic Leaded Transistor. 45V Vceo, 8.000A Ic, 20 hFE. ; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:20mA ; Package/Case:3-TO-218X; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Internally Triggered; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A ; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
Continental Device India Limited
|
SCPA05 SCPA6 SCDA1 SCDA2 SCDA4 SCDA6 SCPA1 SCPA2 S |
Medium Current, Standard Recovery Center Tap Rectifier(????靛?600V锛?俯搴?5???骞冲??存??垫?15A,涓???垫?, ????㈠?璐?腑蹇??澶存?娴??) STANDARD RECOVERY DOUBLER AND CENTER TAPS Medium Current, Standard Recovery Doubler Rectifier(????靛?200V锛?俯搴?5???骞冲??存??垫?7.5A,涓???垫?,????㈠?????存???
|
Semtech Corporation
|
MGA-545P8 MGA-545P8-TR2 MGA-545P8-TR2G |
50 MHz - 7000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2 X 2 MM, 0.75 MM HEIGHT, LPCC-8 MGA-545P8 · Low Current 22dBm Medium Power Amplifier In LPCC2x2 for 5-6GHz systems
|
Agilent Technologies, Inc. Agilent (Hewlett-Packard)
|
IRU1150CMTR IRU1150CPTR |
4A Adj LDO Linear Regulator in a TO-263 5-Leads package 4A Adj LDO Linear Regulator in a ULTRA THIN-PAK 5-Leads package
|
International Rectifier
|