PART |
Description |
Maker |
AM486DX4 |
High-Performance, Clock-Selectable, 3.3 V, 32-Bit Microprocessor(3.3V高性能时钟可32位微处理 High-Performance, Clock-Selectable, 3.3 V, 32-Bit Microprocessor(3.3V楂???芥??????2浣?井澶????
|
Advanced Micro Devices, Inc.
|
FSTUD3245006 FSTUD32450G FSTUD32450 |
Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16839 74ALVC16839MTD |
Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, 20-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACT823 74ACT823SC 74ACT823SPC 74ACT823MTC 74ACT8 |
9-Bit D-Type Flip-Flop Two 1-Bit LVTTL/GTLP Adj-Edge-Rate Bus Xcvrs w Split LVTTL Port, Fdbk Path and Selectable Polarity 20-SOIC -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MAX1272CPA MAX1272CUA MAX1272EPA MAX1272EUA MAX127 |
Fault-Protected / 12-Bit ADCs with Software-Selectable Input Range Fault-Protected 12-Bit ADCs with Software-Selectable Input Range Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC2471 LTC2471CDD LTC2471CDDPBF LTC2471CDDTRPBF L |
Selectable 250sps/1ksps, 16-Bit I2C 楼?楼? ADCs with 10ppm/隆?C Max Precision Reference Selectable 250sps/1ksps, 16-Bit I2C ΔΣ ADCs with 10ppm/°C Max Precision Reference DELTA-SIGMA ADC, PQCC12 DELTA-SIGMA ADC, PDSO12
|
Linear Technology LINEAR TECHNOLOGY CORP
|
AT30TSE754-XM8-T |
9- to 12-bit Selectable, ±0.5°C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
|
ATMEL Corporation
|
LTC2446CUHF LTC2447CUHF LTC2446IUHF LTC2447IUHF LT |
24-Bit High Speed 8-Channel ΔΣ ADCs with Selectable Multiple Reference Inputs 24-Bit High Speed 8-Channel Delta Sigma ADCs with Selectable Multiple Reference Inputs; Package: QFN; No of Pins: 38; Temperature Range: -40°C to 85°C 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC38 24-Bit High Speed 8-Channel Delta Sigma ADCs with Selectable Multiple Reference Inputs; Package: QFN; No of Pins: 38; Temperature Range: 0°C to 70°C 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC38
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7327BRUZ-REEL7 |
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
|
ANALOG DEVICES INC
|
AD7321BRUZ AD7321BRUZ-REEL7 AD7321BRUZ-REEL AD7321 |
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
|
AD[Analog Devices]
|