PART |
Description |
Maker |
MMBD914B MMBD1401 MMBD1402 MMBD1403 MMBD1404 MMBD1 |
Surface mount switching diode. Max forward voltage 1.00V at 10mA. SURFACE MOUNT SWITCHING DIODES 表面贴装开关二极管 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
Jinan Gude Electronic Device Co., Ltd. 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic Devic... Jinan Gude Electronic D...
|
M1MA142KT1G M1MA141KT1 M1MA142KT1 M1MA141K M1MA142 |
SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT Single Switching Diode
|
ONSEMI[ON Semiconductor]
|
BAV70-13-F BAV70-7-F BAV70Q-13-F |
Switching Diodes DUAL SURFACE MOUNT SWITCHING DIODE
|
Diodes Incorporated
|
BAV16WS-7-F 1N4148WS-7-F |
SURFACE MOUNT FAST SWITCHING DIODE 0.15 A, 75 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
1N4448WS-7-F |
SURFACE MOUNT FAST SWITCHING DIODE 0.25 A, 75 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
MMBD4448DW-7-F |
SURFACE MOUNT SWITCHING DIODE 0.25 A, 75 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
1N4448W-7-F |
FAST SWITCHING SURFACE MOUNT DIODE 0.25 A, 75 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
MMBD4448HCDW-7-F MMBD4448HSDW-7-F |
SURFACE MOUNT FAST SWITCHING DIODE ARRAY 0.25 A, 80 V, 4 ELEMENT, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
BAS16T-7-F BAW56T-7-F BAS16T09 BAV70T-7-F |
SURFACE MOUNT FAST SWITCHING DIODE 0.155 A, 85 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
http:// Diodes Incorporated Diodes, Inc.
|
MMBD4148-7 BAS16-7 MMBD914 MMBD914-7 BAS16 MMBD414 |
SURFACE MOUNT SWITCHING DIODE 0.2 A, 75 V, SILICON, SIGNAL DIODE
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
1N4148WSQ-7-F DS30097 1N4148WS-7-F 1N4148WS-13-F |
Switching Diodes SURFACE MOUNT FAST SWITCHING DIODE SURFACE MOUNT FAST SWITCHING DIODE
|
Diodes Incorporated
|