PART |
Description |
Maker |
ONSEMICONDUCTOR-MJE15028BC MJE15028AF |
8 A, 120 V, NPN, Si, POWER TRANSISTOR
|
ON SEMICONDUCTOR
|
2SD718R |
8 A, 120 V, NPN, Si, POWER TRANSISTOR
|
|
TIP112T MJE15028A BUT56AW BUT56AA BUT56AN MOTOROLA |
2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-220AB 7 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB 5 A, 700 V, NPN, Si, POWER TRANSISTOR, TO-220AB 2.5 A, 750 V, NPN, Si, POWER TRANSISTOR, TO-220AB 3 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB 6 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
2SC1940 2SC1940-M |
50 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON TRANSISTOR
|
NEC
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
2N5682.MODE1 |
1000 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
SEMELAB LTD
|
SX100U-12S SX100U-24S SX100U SX100U-05S SX100U-15S |
100 & 150 Watt, 120 VAC Input Fully Enclosed Switching Power Supply 100 & 150 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
|
List of Unclassifed Manufacturers ETC[ETC] Volgen Kaga Electronics Inc.
|
2N5006 2N5659 2N5008 SFT6200 |
HIGH SPEED NPN TRANSISTOR 120 VOLTS 高速NPN晶体120伏特
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] ON Semiconductor Solid State Devices Inc
|
CSD288 CSA614 CSA614Y |
25.000W Low Frequency PNP Plastic Leaded Transistor. 55V Vceo, 3.000A Ic, 120 - 240 hFE. PNP/NPN PLASTIC POWER TRANSISTOR
|
CDIL[Continental Device India Limited]
|
|