PART |
Description |
Maker |
4484B-00 4443C-18 4443C-32 4443C-12 |
BRASS, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
6859 |
XLR Style Audio Connector; No. of Contacts:3; Gender:Female-Female Adapter; Body Material:Zinc Alloy; Contact Material:Zinc; Contact Plating:Nickel; Series:XLR RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
TVR10561 TVR20101 TVR14431 TVR20180 TVR20181 TVR20 |
From old datasheet system (TVR Series) ZINC OXIDE VARISTOR 50 SERIES Shrink Tubing; Shrink Ratio:2:1; Material:Polyolefin RoHS Compliant: Yes R- 600 PRV 6A ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电50系列 ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电0系列
|
N.A. ETC[ETC] Electronic Theatre Controls, Inc. STMicroelectronics N.V.
|
08-55-0105 08-56-0108 08-50-0108 |
KK 156 TERMINAL CRIMP 22-26 AWG GOLD BRASS, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):26-22; Contact Material:Brass RoHS Compliant: Yes BRASS, GOLD FLASH FINISH, WIRE TERMINAL CRIMP PIN, 22-28AWG PK100 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
1340C-1 1282D-11 1282D-10 1280C-112 1280B-1 1280B- |
BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
XC95288XV DS050 XC95288XV-7TQ144I XC95288XV-10CS28 |
High-Performance CPLD From old datasheet system Advance Product Specification D-Subminiature Connector; Gender:Female; No. of Contacts:15; Contact Termination:Through Hole; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold Flash; Mounting Type:Through Hole RoHS Compliant: Yes D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:Crimp; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes LJT 10C 10#20 PIN PLUG DSUB 15 M SOD FLOA G Metal Connector Backshell; Enclosure Material:Steel; Connector Type:Right-Angle; Leaded Process Compatible:No; No. of Positions:25; Peak Reflow Compatible (260 C):No RoHS Compliant: No DSUB B/S DB 90DEG METAL 1 FLASH PLD, 10 ns, PQFP144 DSUB B/S DB STRT METAL 1 FLASH PLD, 10 ns, PQFP208 Plastic Connector Backshell; Enclosure Material:Steel; Enclosure Color:Yellow; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FLASH PLD, 10 ns, PQFP208
|
XILINX[Xilinx, Inc] Xilinx, Inc.
|
55932-1430 55932-0253 55932-0551 55932-0630 55932- |
2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG HEADER, VERTICAL, 1ROW, 6WAY; Connector type:Wire-to-Board; Gender:Plug; Ways, No. of:6; Pitch, lead:2mm; Termination method:Solder; Material, contact:Brass; Plating, contact: Tin; Rows, No. of:1; Colour:White; Contacts, No. of:6; RoHS Compliant: Yes 2.0 WtB Plg Hsg Assy Str W/O Boss 13Ckt HEADER, VERTICAL, 1ROW, 4WAY; Connector type:Wire-to-Board; Gender:Plug; Ways, No. of:4; Pitch, lead:2mm; Termination method:Solder; Material, contact:Brass; Plating, contact: Tin; Rows, No. of:1; Colour:White; Contacts, No. of:4; RoHS Compliant: Yes
|
Stackpole Electronics, Inc. MOLEX INC
|
DAUH-15P |
D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:Crimp; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes 15 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, CRIMP, PLUG
|
Cinch Connectors
|
4574A-113-12 4574A-112-12 4574A-1-12 4574A-12-12 4 |
BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
4448B-3 4448B-32 4471D-45 4471A-95 4441C-14 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
MCP112T-300LB MCP112T-300E MCP112T-290E MCP112T-29 |
Micropower Voltage Detector 微功耗电压检测器 PC Board Connector; No. of Contacts:4; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PBT Polyester; Contact Material:Brass; Gender:Female; Series:41815 (MCP111 / MCP112) Micropower Voltage Detector
|
Microchip Technology, Inc. Microchip Technology Inc.
|
2701-1-01-01-00-00-07-0 2701-3-01-01-00-00-07-0 27 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, SILVER (300) OVER COPPER FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
|