PART |
Description |
Maker |
SFT8500 |
2 AMP HIGH VOLTAGE NPN TRANSISTOR 1000 VOLTS
|
SSDI[Solid States Devices, Inc]
|
RGP20B RGP20G RGP20J RGP20K RGP20M RGP20A RGP20D |
2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AE
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
ICL7663 ICL7663ACPA ICL7663ACSA ICL7663AIJA ICL766 |
High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Programmable Positive Voltage Regulator "Low-Power, Adjustable- Output, Positive-Voltage Linear Regulator" 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD8200YCHIPS |
High Common-Mode Voltage, Single-Supply Difference Amplifier OP-AMP, 1000 uV OFFSET-MAX, UUC7
|
Analog Devices, Inc.
|
SPD5614 SPD56142 SPD5622SM SPD5618 SPD5618SMS R000 |
1 AMP 200 Α 1000 VOLTS STANDARD RECOVERY RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE 1 AMP 200 ? 1000 VOLTS STANDARD RECOVERY RECTIFIER
|
http:// Solid State Devices, Inc. SOLID STATE DEVICES INC Solid States Devices, I...
|
ISL6569ACBZ-T |
2 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24 Multi-Phase PWM Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24
|
Intersil, Corp.
|
GBJ1510 GBJ15005 GBJ1508 GBJ1501 GBJ1502 GBJ1504 G |
Aluminum Polymer SMT Capacitor; Capacitance: 270uF; Voltage: 6.3V; Case Size: 6.3x6 mm; Packaging: Tape & Reel 15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
LT3652EDDPBF |
Power Tracking 2A Battery Charger for Solar Power, LFHT, 12-Lead Plastic DFN 3mm × 3mm, Temperature Range: –40°C to 125°C 3 A BATTERY CHARGE CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO12
|
Linear Technology, Corp.
|
EL2003J/883B EL2033J EL2003H |
Analog Buffer/Voltage Follower 模拟缓冲电压跟随 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOT-23 T&R 模拟缓冲电压跟随
|
IC MICROSYSTEMS Sdn. Bhd.
|
C0603V102KDRACTU |
Capacitor, Ceramic, SMD, MLCC, Arcshield, High Voltage, Temp Stable, 1000 pF, /-10% Tol, 1000 V, X7R, 0603 (1608 metric)
|
Kemet Corporation
|
IP7805A IP7805SMD IP7812 IP7812A LM140 LM140K-12 L |
1 AMP POSITIVE VOLTAGE REGULATOR 1.5A, 15V Positive Voltage Regulator 1 AMP Positive Voltage Regulator(1.5 A ,5V绋冲??? 1 AMP Positive Voltage Regulator(1.5 A ,15V稳压 1 AMP positive vlotage regulators 1 AMP Positive Voltage Regulators Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 电压调节 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 1AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, MSFM3 1 AMP Positive Voltage Regulator(1.5 A ,12V绋冲??? 1.5A, 5V Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. TE Connectivity, Ltd. Semtech, Corp. Analog Integrations, Corp. Amphenol, Corp. SEMELAB LTD
|
GBJ1500511 GBJ1510-BP |
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 15A 1000V GBJ 15 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Components, Corp.
|