PART |
Description |
Maker |
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
HCF4510 HCF4510B HCF4510BEY HCF4510BM013TR HCF4510 |
JOYSTICK, BUSH MOUNT, 5A; Current, contact rating:6A; Angle:12(degree); Centres, fixing:36mm; Current, contact @ contact voltage AC max:6A; Depth, external:44mm; Diameter, bush:22mm; IP rating:IP65; Length / Height, external:64mm; RoHS Compliant: Yes PRESETTABLE UP/DOWN COUNTERS 预置向上/向下计数
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
MG150Q2YS51 E002109 |
8-Port Wireless Switch; Approval Categories:UL, EN & IEC: 60950-I; EMC FCC Part 15 Class B, EN 300386; Data Rate Max:54Mbps; External Depth:9.4"; External Height:1.89"; External Width:16.9" RoHS Compliant: Yes N通道IGBT的(大功率开关,马达控制应用 8-Port Wireless Switch; Approval Categories:UL, EN & IEC: 60950-I; EMC FCC Part 15 Class B, EN 300386; Data Rate Max:54Mbps; External Depth:9.4 N CHANNEL IGBT (HIGH POWER SWITCHING / MOTOR CONTROL APPLICATIONS) HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS From old datasheet system N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
MC74LVQ573SD MC74LVQ573 MC74LVQ573DT MC74LVQ573DW |
COVER KIT, NLP40; Length / Height, external:127mm; Width, external:72.87mm; Depth, external:37.29mm RoHS Compliant: Yes LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
586-2406-220F 586-2405-220F 586-2402-220F 586-2401 |
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S) LED, BA9S, 6-36VAC/DC, GREEN; Lamp fitting type:BA9s; Current rating:10mA; Diameter, External:9mm; Length / Height, external:28.75mm; Temp, op. max:85(degree C); Temp, op. min:-30(degree C); Case style:T 3 1/4; Colour, LED:Green; RoHS Compliant: Yes
|
Dialight Corporation http://
|
1T367 |
SWITCH, FLUSH LATCHING, RED ILLUM; Switch function type:Latching; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-30(degree C); Diameter, panel cut-out:16mm; Depth, external:29.5mm; Colour, LED:Red; RoHS Compliant: Yes UHF band VCO
|
Sony Corporation
|
STB3NA80 4229 STB3NA80T4 |
Resettable Fuse; Series:1210L; Thermistor Type:PTC; Operating Voltage Max:6VDC; Holding Current:0.35A; Tripping Current:0.7A; External Depth:0.85mm; Length:3.43mm; Initial Resistance Min:0.32ohm; Initial Resistance Max:1.3ohm RoHS Compliant: Yes N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
AM91L50-20LC AM91L50-20LCB AM91L50-25DC AM91L50-25 |
1024 x 4 High-Speed Static R/W RAM Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Input Current:1.50A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Input Current:0.75A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CDIP24 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CQCC28 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CDIP24 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CQCC28 1024x4 High-Speed Static R/W RAM 1024x4高速静电读/写内 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 25 ns, CDIP24
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
1SV231 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation Toshiba Semiconductor
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|
VTB2-2A0 VTB2-2A1 VTB2-2B0 VTB2-4B1 VTB2-2B1 VTB2- |
Miniature TCXOs BOX 4.94X2.75X1.275 9V W/CLP ALMOND H-Series Enclosure; Enclosure Material:Plastic; External Height:0.94"; External Width:2.75"; External Depth:4.94"; Enclosure Color:Almond RoHS Compliant: Yes 微型TCXO
|
Electronic Theatre Controls, Inc.
|
SP6831EK SP6831EK_TR SP6831TR SP6830 SP6830EK SP68 |
Low Power Voltage Inverters With Shutdown CONNECTOR, BATTERY, 5WAY; Depth, external:2.4mm; Length / Height, external:5mm; Width, external:5mm; Cells, No. of:1; Connector type:MOBO Reduced Size Battery Connector; Current rating:3A; Life, mechanical:5000 Cycles; Pitch, RoHS Compliant: Yes
|
SIPEX[Sipex Corporation]
|