PART |
Description |
Maker |
5021D-B13 |
7GHz 35us Max External Fiber Delay Line System
|
EMCORE
|
5021D-A15 |
3GHz 65us Max External Fiber Delay Line System
|
EMCORE
|
CCR-33S3O-T CCR-33 CCR-33S1C-N CCR-33S1C-R CCR-33S |
Miniature DC-18GHz SPDT Switch 微型DC - 18GHz SPDT开
|
Teledyne Technologies, Inc. Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
X76F128 X76F128H X76F128H-2.7 X76F128HE X76F128HE- |
PSU, DIN RAIL, 24V, 100MA; Power rating:2.4W; Current, output:100mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Secure SerialFlash 安全SerialFlash
|
http:// XICOR[Xicor Inc.]
|
ML4803CP-1 ML4803CP-2 ML4803CS-1 ML4803IP-1 ML4803 |
INDICATOR, T1, ROUND; Lamp fitting type:Bi-Pin; Diameter, panel cut-out:8mm; Depth, external:25mm; Length / Height, external:9mm; Temp, op. max:45(degree C); Temp, op. min:-25(degree C); Width, external:9mm; LED / lamp size:T1 RoHS Compliant: Yes 8-Pin PFC and PWM Controller Combo
|
MICRO-LINEAR[Micro Linear Corporation]
|
MH1353 MH1353P MH1382 MH1382P MH1342P MH1342 MH135 |
Ultra High Sensitivity Channel Photomultiplier Head Including High Voltage Power Supply BASE FOR SEPARATE MOUNTINGBASE FOR SEPARATE MOUNTING; Approval Bodies:IEC/EN 60715 OVERLOAD FOR DILM40 - DILM65OVERLOAD FOR DILM40 - DILM65; Contact style:1 M, 1 B; Current, load:50A; Current, switch max:65A; Depth, external:86mm; Length / Height, external:112mm; Width, external:60mm Ultra High Sensitivity Gateable Photon Counting Module
|
PERKINELMER[PerkinElmer Optoelectronics] PerkinElmer Inc. PerkinElmer Optoelectro...
|
HZK2C HZK30 HZK33 HZK36 HZK3A HZK3B HZK3C HZK6B HZ |
Diodes>Zener Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A SWITCH BLOCK FOR EMERGENCY STOP SWITCH, DPDT, 12V, GREEN; Switch function type:DPDT; Voltage, contact AC max:250V; Voltage, contact DC max:12V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:30mm; Length / Height, external:59mm; RoHS Compliant: Yes Anti-Rotate Ring; Leaded Process Compatible:Yes RoHS Compliant: Yes 硅外延平面稳压二极管的稳压电 Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode INDICATOR BODY, ROUND, METAL; Lamp fitting type:T 13/4; Current rating:16A; Approval Bodies:UL, VDE, CSA, BEAB; Depth, behind panel:38mm; Diameter, External:29mm; IP rating:IP65; Length / Height, external:60mm; Temp, op. RoHS Compliant: Yes INDICATOR BODY, SQUARE; Lamp fitting type:Midget Groove, T1 3/4; Current rating:16A; Approval Bodies:UL, VDE, CSA, BEAB; Depth, behind panel:38mm; Diameter, External:29mm; IP rating:IP65; Length / Height, external:60mm; Temp, op. RoHS Compliant: Yes
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation. Renesas Electronics, Corp.
|
E.FL-R-SMT E.FL-LP-040 E.FL-LP-066 E.FL-LR-SMT E.F |
DISPLAY BUTTONSDISPLAY BUTTONS; Depth, external:21mm; Length / Height, external:86.5mm; Width, external:86.5mm 大肠杆菌佛罗里达州同轴连接器与世界上最小的足迹 IP65 DISPLAY REPEATER FOR EASY 800 ; 大肠杆菌佛罗里达州同轴连接器与世界上最小的足迹 CPU WITHOUT NETWORKCPU WITHOUT NETWORK; Depth, external:29.5mm; Length / Height, external:90mm; Width, external:107.5mm CPU WITH NETWORKCPU WITH NETWORK; Depth, external:29.5mm; Length / Height, external:90mm; Width, external:107.5mm CABLE ; Connector type A:MFD-Titan; Connector type B:MFD-Titan; Length, lead:5m E.FL Coaxial Connectors with World Smallest Footprint
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
1301.9304 |
SWITCH, PCB PUSH 7.3MMSWITCH, PCB PUSH 7.3MM; Switch function type:Momentary; Voltage, contact DC max:12V dc; Temp, op. max:60(degree C); Temp, op. min:-10(degree C); Diameter, panel cut-out:3.3mm; Length / Height, external:3.5mm;
|
SCHURTER INC
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
SP6831EK SP6831EK_TR SP6831TR SP6830 SP6830EK SP68 |
Low Power Voltage Inverters With Shutdown CONNECTOR, BATTERY, 5WAY; Depth, external:2.4mm; Length / Height, external:5mm; Width, external:5mm; Cells, No. of:1; Connector type:MOBO Reduced Size Battery Connector; Current rating:3A; Life, mechanical:5000 Cycles; Pitch, RoHS Compliant: Yes
|
SIPEX[Sipex Corporation]
|
|