PART |
Description |
Maker |
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
GBJ30B GBJ30G |
Low forward voltage, high forward current
|
GeneSiC Semiconductor, ...
|
TZ581 TZ81 TZ582 TZ82 TZ553 TZ551 TZ552 TZ554 TPP1 |
Low forward voltage TVS Transky" TRANSILS Low forward voltage TVS: Transky" POWER TRANSISTOR DIP-14 BJT 双极型晶体管
|
Vishay Intertechnology, Inc. VISHAY SPRAGUE
|
BTA854W BAT854CW BAT854W BAT854AW BAT854SW |
Very low forward voltage Very low reverse current Guard ring protected
|
TY Semiconductor Co., Ltd
|
SBT30100VCT |
Ultra low forward voltage drop, low power losses
|
Pan Jit International I...
|
SDM1060LCS |
Ultra low forward voltage drop, low power loss
|
Pan Jit International Inc.
|
SBT1545LSS |
Ultra low forward voltage drop, low power losses
|
Pan Jit International Inc.
|
1SS392 |
Small package Low forward voltage :VF =0.54V(Typ). Low reverse current :IR =5 A(Max).
|
TY Semiconductor Co., L...
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
HVU132 |
Low capacitance, Low forward resistance
|
TY Semiconductor Co., Ltd
|