PART |
Description |
Maker |
SMF6.5A SMF8.0A SMF24A SMF7.5A SMF40A |
Heat Sink; Package/Case:TO-220; Thermal Resistance:13.4 C/W; Mounting Type:Screw Mount; Length:12.7mm; Height:29.97mm; Width:23.93mm; Body Material Surface Mount ESD Protection Diodes 表面贴装ESD保护二极
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
ESD9CXXST5G ESD9C3.3ST5G ESD9C5.0ST5G |
ESD Protection Diodes(ESD淇??浜??绠? ESD Protection Diodes(ESD保护二极 ESD Protection Diodes In Ultra Small SOD-923 Package
|
ONSEMI[ON Semiconductor]
|
DF2S6.8UCT |
ESD Protection Diodes Silicon Epitaxial Planar ESD protection diode (standard type)
|
Toshiba Semiconductor
|
PGB101040211 PGB1010603MR PGB1010603NRHF PGB101060 |
Surface Mount Polymeric ESD Suppressors BIDIRECTIONAL, SILICON, TVS DIODE Low leakage current, Fast response time Surface Mount Polymeric ESD Suppressors
|
Littelfuse
|
VEMI255A-HS3 VESD05A8-HN2 |
8-Lines ESD protection diode array 2-channel EMI Filter with ESD-Protection
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
CPDER24V0U-HF |
Halogen Free ESD Diodes, V-C=50V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDUR5V0C-HF |
Halogen Free ESD Diodes, V-C=14.5V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
D20NP1R4F5PA D12NP0R4F5PA D12NP0R4B5PA D15NP1R2F5P |
CAPACITOR, CERAMIC, 50 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000004 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000005 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000018 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000009 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000045 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000013 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.000001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000035 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000017 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000016 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NS, 0.000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, BJ, 0.000043 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.0000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP
|
Dielectric Laboratories, Inc.
|
EMIF04-MMC02F1 EMIF04-MMC02 |
4 LINES EMI FILTER INCLUDING ESD PROTECTION 4号线的EMI滤波器,ESD保护 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC 4 LINES EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
SLVU2.8 SLVU2.8TC SLVU2.8TG |
Low Voltage EPD TVS Diode for ESD and Latch-UP Protection Low Voltage EPD TVS Diodes For ESD and Latch-Up Protection Low Voltage EPD TVSDiodes For ESD and Latch-Up Protection XTAL MTL SMT HC49/USM
|
Semtech Corporation
|
|