PART |
Description |
Maker |
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
MAS9160ASMJ-T |
2 outputs LDO voltage regulator. VOUT1(nom) = 2.5 V, VOUT2(nom) = 2.8 V.
|
mas MICRO ANALOG SYSTEMS
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
ASO10.3X38 609861 0090.0030 0090.0001 0090.0003 |
Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic Breaking capacity Breaking capacity
|
Schurter Inc.
|
NTE5296A NTE5240A NTE5241A NTE5242A NTE5243A NTE52 |
50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 52.0V. Zener test current Izt = 240mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 33.0V. Zener test current Izt = 380mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 180.0V. Zener test current Izt = 68mA. 50 Watt Zener Diodes ±5% Tolerance 50 Watt Zener Diodes 5% Tolerance 50 WATT ZENER DIODES 【5% TOLERANCE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 13.0V. Zener test current Izt = 960mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 43.0V. Zener test current Izt = 290mA.
|
NTE[NTE Electronics] Fujitsu, Ltd. NTE Electronics, Inc.
|
HG2-AC115V HG2-AC240V HG2-AC220V HG2-DC110V HG2-DC |
HG-relay. 20 Amp power relay. AC type. 2 form C. Nominal coil voltage 115 V DC. HG-relay. 20 Amp power relay. AC type. 2 form C. Nominal coil voltage 240 V DC. HG-relay. 20 Amp power relay. AC type. 2 form C. Nominal coil voltage 220 V DC. HG-relay. 20 Amp power relay. DC type. 2 form C. Nominal coil voltage 110 V DC. HG-relay. 20 Amp power relay. DC type. 2 form C. Nominal coil voltage 200 V DC. HG-relay. 20 Amp power relay. AC type. 3 form C. Nominal coil voltage 220 V DC. HG-relay. 20 Amp power relay. AC type. 3 form C. Nominal coil voltage 240 V DC. HG-relay. 20 Amp power relay. DC type. 3 form C. Nominal coil voltage 110 V DC. HG-relay. 20 Amp power relay. DC type. 3 form C. Nominal coil voltage 200 V DC. HG-relay. 20 Amp power relay. AC type. 3 form C. Nominal coil voltage 115 V DC. HG-relay. 20 Amp power relay. AC type. 4 form C. Nominal coil voltage 115 V DC. HG-relay. 20 Amp power relay. DC type. 4 form C. Nominal coil voltage 200 V DC. HG-relay. 20 Amp power relay. DC type. 4 form C. Nominal coil voltage 110 V DC. HG-relay. 20 Amp power relay. AC type. 4 form C. Nominal coil voltage 240 V DC. HG-relay. 20 Amp power relay. AC type. 4 form C. Nominal coil voltage 220 V DC.
|
Matsushita Electric Works(Nais)
|
6711 |
0.0095" Wall, Nom. Modified Polyphenilether
|
List of Unclassifed Manufacturers ETC
|
NOME337M006R0023 |
OxiCap? NOM Low ESR Multianodes
|
AVX Corporation
|
116-93-964-41-006 116-93-210-41-006 116-93-304-41- |
Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:19; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Dual-in-line sockets interconnect Open frame Solder tail 双列直插式插座互连开放框架焊 9#18 FEP SH FEP RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Audio control and Instrumentaion Cable, Plenum; Conductor Size AWG:18; Jacket Material:FEP Teflon; Conductor Material:Copper; Jacket Color:Red; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Cable/Wire, Multiconductor Cable, Power Electronic Cable, 9 Conductors, 20AWG, FEP Insulation, Red, 200 C, 600 V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Features:Aluminium Foil/Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 2#16 FEP SH FEP RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
HPR1000 HPR1001 HPR1002 HPR1003 HPR1004 HPR1005 HP |
1.0 Watt unregulated DC/DC converter. Nom.input voltage 12Vdc, rated output voltage 5Vdc, rated output current 200mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 24Vdc, rated output voltage -15Vdc, rated output current -34mA. 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 2-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 Watt unregulated DC/DC converter. Nom.input voltage 5Vdc, rated output voltage 12Vdc, rated output current 83mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 15Vdc, rated output voltage -15Vdc, rated output current -34mA.
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|