PART |
Description |
Maker |
FTR-F1LDCA012R FTR-F1LAA012R FTR-F1LDAA012R FTR-F1 |
POWER RELAY 2 POLES - 8A Polarized Latching Relay POWER/SIGNAL RELAY, DPST, LATCHED, 0.12A (COIL), 5VDC (COIL), 600mW (COIL), 8A (CONTACT), 300VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPST, LATCHED, 0.025A (COIL), 24VDC (COIL), 600mW (COIL), 8A (CONTACT), 300VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 8A (CONTACT), 300VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU LTD
|
G4W-2212P-US-TV5 G4W-22123T-US-TV5 G4W-11123T-US-T |
PCB Power Relay POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.067A (COIL), 12VDC (COIL), 800mW (COIL), 10A (CONTACT), 125VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.008A (COIL), 100VDC (COIL), 800mW (COIL), 15A (CONTACT), 125VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.067A (COIL), 12VDC (COIL), 800mW (COIL), 15A (CONTACT), 125VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.008A (COIL), 100VDC (COIL), 800mW (COIL), 10A (CONTACT), 125VDC (CONTACT), PANEL MOUNT
|
Omron Electronics LLC
|
WOUVT WOUVT-1-120AC WOUVT-1-480ACB WOUVT-3-480ACA |
POWER/SIGNAL RELAY, DPST, MOMENTARY, 4000mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT Voltage Sensitive Relays
|
Tyco Electronics
|
JW2SN-DC5V JW2ASN-DC48V JW1AFSN-DC9V-F JW1FHN-DC24 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.106A (COIL), 5VDC (COIL), 530mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.011A (COIL), 48VDC (COIL), 530mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.058A (COIL), 9VDC (COIL), 530mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.022A (COIL), 24VDC (COIL), 530mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
OMI-SH-205DM594 |
POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.144A (COIL), 5VDC (COIL), 720mW (COIL), 5A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT
|
CTS Valpey, Corp.
|
OMR-209HSV000 |
POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.031A (COIL), 9VDC (COIL), 280mW (COIL), 0.5A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT
|
IRC Advanced Film
|
V23003A37B104 V23003A64B604 V23003A37F101 V23003A3 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.06A (COIL), 24VDC (COIL), 1440mW (COIL), 2A (CONTACT), 150VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.034A (COIL), 48VDC (COIL), 1646mW (COIL), 0.2A (CONTACT), 36VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, LATCHED, 0.06A (COIL), 24VDC (COIL), 1440mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPST, LATCHED, 0.06A (COIL), 24VDC (COIL), 1440mW (COIL), 5A (CONTACT), 250VDC (CONTACT), PANEL MOUNT
|
|
AZ734-2A-48D AZ734-2A-48DE AZ734-2A-24D AZ734-2A-5 |
DPST MINIATURE POWER RELAY
|
American Zettler, Inc.
|
TQ2L25V TQ2SL-4.5V TQ2SA-12V TQ2SA-L-12V TQ2-2M-24 |
Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806 POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.012A (COIL), 12VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.006A (COIL), 12VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.008A (COIL), 24VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.094A (COIL), 1.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, LATCHED, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.023A (COIL), 3VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic Semiconductor
|
G6B-1114P-FD-US-U G6B-2214P-FD-US-U G6B-2214P-US G |
High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
|
Omron Electronics LLC
|
LZ-B12HSE-HV-UC LZ-12HSE-HV-UC LZ-B12HSE-KHV-UC LZ |
POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL) POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.075A (COIL), 6VDC (COIL), 450mW (COIL), 3A (CONTACT), 150VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.038A (COIL), 12VDC (COIL), 450mW (COIL), 5A (CONTACT), 150VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.013A (COIL), 48VDC (COIL), 600mW (COIL), 3A (CONTACT), 150VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.11A (COIL), 3VDC (COIL), 330mW (COIL), 5A (CONTACT), 150VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. Fujitsu Component Limit...
|
2BN-1C-126E 2BN-1C-176E 2BN-1C-106E 2BN-1B-148E 2B |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.044A (COIL), 26.5VDC (COIL), 1166mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 76VDC (COIL), 1292mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.171A (COIL), 6VDC (COIL), 1026mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.022A (COIL), 48VDC (COIL), 1056mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.171A (COIL), 6VDC (COIL), 1026mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.022A (COIL), 48VDC (COIL), 1056mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.086A (COIL), 12VDC (COIL), 1032mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
HI-G ITALIA SRL
|
|