PART |
Description |
Maker |
X24026Y-2.7 X24026Y X24026X X24026X-2.7 X24026 X24 |
PSU, DIN RAIL, 12V, 200MA; Power rating:2.4W; Current, output:200mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Serial E2PROM
|
XICOR[Xicor Inc.] http://
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
TIM1011-15L |
P1dB=42.0dBm at 10.7GHz to 11.7GHz
|
Toshiba Semiconductor
|
ESM6045 ESM6045AV 3402 |
From old datasheet system CONDUCTIVE LEVEL CONTROLLER, NPN; Contact style:SPST N/O; Current, contact max:5A; Depth, external:70mm; Dielectric strength, VAC:2000V ac; Length / Height, external:49.4mm; Output type:Open Collector (NPN); Power consumption:2W; RoHS Compliant: Yes NPN DARLINGTON POWER MODULE NPN达林顿电源模
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
350-Z1-116-00-206 350-10-116-00-206 450-Z1-216-00- |
PCB connectors 2.54 mm Single row / double row Surface mount 电路板连接器2.54毫米单列/双列表面贴装 BRT-40X20AM 电路板连接器2.54毫米单列/双列表面贴装 Sensor Retroreflective Tape; Width:25mm; Roll Length:2.5m; For Use With:Photoelectric Sensors 电路板连接器2.54毫米单列/双列表面贴装 External Plug-In Power Supply; Series:FW50; Output Voltage:18V; Output Power Max:50W; Output Current:2.75A; No. of Outputs:1; Input Current:2.75A; Size:127 x 33 x 76.2 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes BRT-32X20AM External Plug-In Power Supply; Series:FW50; Output Voltage:12V; Output Power Max:50W; Output Current:4.15A; No. of Outputs:1; Input Current:4.15A; Leaded Process Compatible:Yes; Size:127 x 33 x 76.2 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
MCM6246WJ35R2 MCM6246WJ35 MCM6246WJ25R2 MCM6246WJ2 |
512K x 8 Bit Static Random Access Memory 512K X 8 STANDARD SRAM, 35 ns, PDSO36 PSU, 110W, 4 OUTPUT; Voltage, output:5V; Current, output:11A; Power rating:110W; Voltage, supply min:85V; Voltage, supply max:264V; Length / Height, external:56mm; Width, external:108mm; Depth, external:185mm; Approval Bodies:VDE, RoHS Compliant: Yes DC-DC Converter; Supply Voltage:75V; Output Voltage:1.2V; Number of Outputs:1; Power Rating:100W; Mounting Type:PC Board; Series:Eighth-Brick; Efficiency:86%; Output Current:50A; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
1T367 |
SWITCH, FLUSH LATCHING, RED ILLUM; Switch function type:Latching; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-30(degree C); Diameter, panel cut-out:16mm; Depth, external:29.5mm; Colour, LED:Red; RoHS Compliant: Yes UHF band VCO
|
Sony Corporation
|
SFPJ-73 FMJ-2303 RK33 MI1A3 SPJ-G53S AK03 EA03 EK0 |
Schottky Barrier Diodes 肖特基势垒二极管 HEAT SINK, TO-202, 10 C/W; Case style:TO-202; Thermal resistance:10(degree C)/W; Width, external:34.5mm; Depth, external:38mm; Length / Height, external:12.5mm; Material:Aluminium; Surface finish:Black Anodised; Centres, RoHS Compliant: Yes
|
Unknow Electronic Theatre Controls, Inc. ETC SANKEN[Sanken electric] http://
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|
3239 |
Enclosure; Enclosure Material:Aluminum; External Height:1.38"; External Width:2.25"; External Depth:1.13"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
POMONA ELECTRONICS
|