PART |
Description |
Maker |
W78C33BP |
8-bit MCU w/ ROMless, 256x8 RAM, 36 I/Os, 3 Timers, 1 Serial Port
|
Winbond Electronics
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ST7294 |
8-Bit MCU with 6K ROM, EEPROM and 16-Bit Timer with Input Capture and Dual Output Compare(B>6K ROM,EEPROM6位定时器位MCU)
|
意法半导
|
ST9291 ST9291J2 ST9291J3 ST9291J4 ST9291J5 ST9291J |
8/16-BIT MICROCONTROLLER (MCU) WITH 16-48K ROM, OTP, EPROM, ON SCREEN DISPLAY AND VOLTAGE TUNING OUTPUT 16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
ST62P30BB6 ST6230B ST62P30BB1 |
IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. A/D CONVERTER. 16-BIT AUTO-RELOAD TIMER. EEPROM. SPI. UART AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。的A / D转换器16位自动重加载定时器EEPROM中。的SPIUART8个引
|
Cypress Semiconductor, Corp.
|
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
ST72321R6T1 ST72321AR6TC ST72321R6T6 ST72321R6T5 S |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE 64/44-PIN 8位微控制32点,0,000闪存/ ROM,ADC的,5个定时器,SPI和SCI的I2C接口 64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE 64/44-PIN 8位微控制2点,0,000闪存/ ROM,ADC的,5个定时器,SPI和SCI的I2C接口
|
意法半导 STMicroelectronics N.V.
|
ST72P561AR6 ST72P561AR9 ST72P561J6 ST72P561J9 ST72 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72262G2 ST72262G1 ST72260G1 ST72F264G2M6 ST72264 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
|
STMicroelectronics
|
ST72F324BK6B5 ST72F324BK4B5 ST72F324BK4B6 ST72F324 |
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72F324L ST72F324LJ2T ST72F324LJ4T6 ST72F324LK6TA |
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|